Electronic Components Datasheet Search
  English  ▼

X  

FDN5630-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDN5630-3
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDN5630-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDN5630-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDN5630-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDN5630-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDN5630-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
FDN5630 (KDN5630)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
60
V
Zero Gate Voltage Drain Current
IDSS
VDS=48V, VGS=0V
1
μ
A
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
(Note.1)
1
3
V
VGS=10V, ID=1.7A (Note.1)
100
VGS=10V, ID=1.7A TJ=125℃ (Note.1)
180
VGS=6V, ID=1.6A
(Note.1)
120
On State Drain Current
ID(ON)
VGS=10V, VDS=1.7V
(Note.1)
5
A
Forward Transconductance
gFS
VDS=10V, ID=1.7A
(Note.1)
6
S
Input Capacitance
Ciss
400
Output Capacitance
Coss
102
Reverse Transfer Capacitance
Crss
21
Total Gate Charge
Qg
7
10
Gate Source Charge
Qgs
1.6
Gate Drain Charge
Qgd
1.2
Turn-On DelayTime
td(on)
10
20
Turn-On Rise Time
tr
6
15
Turn-Off DelayTime
td(off)
15
28
Turn-Off Fall Time
tf
7
15
Maximum Body-Diode Continuous Current
IS
0.42
A
Diode Forward Voltage
VSD
IS=0.42A,VGS=0V (Note.1)
1.2
V
pF
nC
ns
mΩ
VGS=10V, VDS=30V, ID=1A,RGEN=6Ω
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=15V, f=1MHz
VGS=10V, VDS=20V, ID=1.7A
Note.1: Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2.0%
■
Marking
Marking
5630



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com