Electronic Components Datasheet Search
  English  ▼

X  

81C55 Datasheet(PDF) 13 Page - Intersil Corporation

Part # 81C55
Description  Radiation Hardened 256 x 8 CMOS RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

81C55 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button 81C55 Datasheet HTML 6Page - Intersil Corporation 81C55 Datasheet HTML 7Page - Intersil Corporation 81C55 Datasheet HTML 8Page - Intersil Corporation 81C55 Datasheet HTML 9Page - Intersil Corporation 81C55 Datasheet HTML 10Page - Intersil Corporation 81C55 Datasheet HTML 11Page - Intersil Corporation 81C55 Datasheet HTML 12Page - Intersil Corporation 81C55 Datasheet HTML 13Page - Intersil Corporation 81C55 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
HS-81C55RH, HS-81C56RH
There are four modes to choose from: M2 and M1 define the
timer mode, as shown in Figure 9.
FIGURE 9. TIMER MODES
Bits 6-7 (TM2 and TM1) of command register contents are
used to start and stop the counter. there are four commands
to choose from:
Note that while the counter is counting, you may load a new
count and mode into the count length registers. Before the
new count and mode will be used by the counter, you
must
issue a START command to the counter. This applies even
thought you may only want to change the count and use the
previous mode.
In case of an odd-numbered count, the first half-cycle of the
squarewave output, which is high, is one count longer than
the second (low) half-cycle, as shown in Figure 10.
FIGURE 10. ASYMMETRICAL SQUARE-WAVE OUTPUT RE-
SULTING FROM COUNT OF 9
The counter in the HS-81C55/56RH is not initialized to any
particular mode or count when hardware RESET occurs, but
RESET does stop the counting. Therefore, counting cannot
begin following RESET until a START command is issued
via the C/S register.
Please note that the timer circuit on the HS-81C55/56RH
chip is designed to be a square-wave timer, not an event
counter. To achieve this, it counts down by twos twice in
completing one cycle. Thus, its registers do not contain
values directly representing the number of TIMER IN pulses
received. You cannot load an initial value of 1 into the count
register and cause the timer to operate, as its terminal count
value is 10 (binary) or 2 (decimal). (For the detection of
single pulses, it is suggested that one of the hardware inter-
rupt pins on the HS-80C85RH be used.) After the timer has
started counting down, the values residing in the count
registers can be used to calculate the actual number of
TIMER IN pulses required to complete the timer cycle if
desired. To obtain the remaining count, perform the following
operations in order:
1. Stop the count
2. Read in the 16 bit value from the count length registers
3. Reset the upper two mode bits
4. Reset the carry and rotate right one position all 16 bits
through carry
5. If carry is set, add 1/2 of the full original count (1/2 full
count - 1 if full count is odd).
NOTE: If you started with an odd count and you read the
count length register before the third count pulse occurs, you
will not be able to discern whether one or two counts has
occurred. Regardless of this, the HS-81C55/56RH always
counts out the right number of pulses in generating the
TIMER OUT waveforms.
TM2
TM1
0
0
NOP - Do not affect counter operation
0
1
STOP-NOP - If timer has not started; stop
counting if the timer is running
1
0
STOP AFTER TC - Stop immediately after
present TC is reached (NOP if timer has
not started)
1
1
START - Load mode and CNT length and
start immediately after loading (if timer is
not presently running). If timer is running,
start the new mode and CNT length imme-
diately after present TC is reached.
TIMER OUT WAVEFORMS:
START
COUNT
TERMINAL
COUNT
(TERMINAL
COUNT)
0
0
1
1
0
1
0
1
1. SINGLE SQ.
WAVE
2. CONTINUOUS
SQ. WAVE
4. CONTINUOUS
PULSES
MODE BITS
M2 M1
3. SINGLE PULSE
ON TERM. COUNT
5
4
Spec Number
518056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com