Electronic Components Datasheet Search
  English  ▼

X  

UPC2798 Datasheet(PDF) 10 Page - NEC

Part # UPC2798
Description  IF DOWN CONVERTOR IC FOR DIGITAL CATV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2798 Datasheet(HTML) 10 Page - NEC

Back Button UPC2798 Datasheet HTML 6Page - NEC UPC2798 Datasheet HTML 7Page - NEC UPC2798 Datasheet HTML 8Page - NEC UPC2798 Datasheet HTML 9Page - NEC UPC2798 Datasheet HTML 10Page - NEC UPC2798 Datasheet HTML 11Page - NEC UPC2798 Datasheet HTML 12Page - NEC UPC2798 Datasheet HTML 13Page - NEC UPC2798 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet P11998EJ3V0DS00
10
µµµµPC2798GR
TYPICAL CHARACTERISTICS (by measurement circuit 1, TA = 25 °C)
50
40
30
20
10
0
02
4
6
8
10
12
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
no input
signal
VAGC = 0 V
Total
Mixer
+ AGC + VCO
Video Amp
VCC - Supply Voltage - V
30
20
10
0
–10
–20
–30
0
50
100
150
200
250
300
CONVERSION GAIN vs. INPUT FREQUENCY
CONVERSION GAIN vs. INTERMEDIATE FREQUENCY
fRF - Input Frequency - MHz
fOSC = fRF + 10 MHZ
POSC = –10 dBm
VCC1 = 5 V
VAGC = 4.0 V
VAGC = 2.6 V
VAGC = 0.0 V
30
20
10
0
–10
–20
–30
0
30
60
90
120
150
180
0
1
2
3
4
5
CONVERSION GAIN vs. AGC VOLTAGE
NOISE FIGURE vs. AGC VOLTAGE
fIF - Intermediate Frequency - MHz
VAGC - AGC Voltage - V
01
2
3
4
5
VAGC - AGC Voltage - V
fRF = 45 MHZ
fOSC = 55 to 210 MHZ
POSC = –10 dBm
VCC1 = 5 V
VAGC= 4.0 V
VAGC= 2.6 V
VAGC= 0.0 V
30
20
10
0
VCC1 = 5 V
fRF = 100 MHZ
fOSC = 120 MHZ
POSC = –10 dBm
DSB mode
30
20
10
0
–10
VCC1 = 5 V
fRF = 45 MHZ
PRF = –60 dBm
fOSC = 50 MHZ
POSC = –10 dBm
OUTPUT POWER vs. INPUT POWER
–60
–50
–40
–30
–20
–10
0
Pin - Input Power - dBm
–10
–20
–30
–40
–50
–60
–70
–80
–90
VCC1 = 5 V
VAGC = 0 V
fRF1 = 44 MHZ
fRF2 = 46 MHZ
fOSC = 55 MHZ
POSC = –10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com