Electronic Components Datasheet Search
  English  ▼

X  

HSP45314 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HSP45314
Description  CommLinkTM Direct Digital Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45314 Datasheet(HTML) 2 Page - Intersil Corporation

  HSP45314 Datasheet HTML 1Page - Intersil Corporation HSP45314 Datasheet HTML 2Page - Intersil Corporation HSP45314 Datasheet HTML 3Page - Intersil Corporation HSP45314 Datasheet HTML 4Page - Intersil Corporation HSP45314 Datasheet HTML 5Page - Intersil Corporation HSP45314 Datasheet HTML 6Page - Intersil Corporation HSP45314 Datasheet HTML 7Page - Intersil Corporation HSP45314 Datasheet HTML 8Page - Intersil Corporation HSP45314 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
3-2
Typical Application Circuit (Sinewave Generation)
50
Ω
+5V POWER SOURCE
1
µF
50
Ω
FERRITE
10
µH
RSET
AVPP
AVPP
0.1
µF
0.1
µF
0.1
µF
AVPP
0.1
µF
DVPP
0.1
µF
+
10
µF
1
µF
FERRITE
10
µH
BEAD
DVPP
+
10
µF
0.1
µF
0.1
µF
(IOUTA) ANALOG OUTPUT
(DIGITAL POWER PLANE)
(ANALOG POWER PLANE)
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
A2
A3
PH0
PH1
DGND
DVDD
DGND
DGND
DGND
DGND
DVDD
DGND
C2
C1
C0
ENOFR
DGND
RESET
UPDATE
COMPOUT
REFLO
REFIO
CLK
DVDD
HSP45314
C7:C0 BUS
µPROCESSOR/
A3:A0 BUS
PH1:PH0 BUS
WRITE ENABLE
WRITE CLOCK
DVPP
0.1
µF
0.1
µF
DVPP
CLOCK
FPGA/CPLD
SOURCE
BEAD
2k
Ω
HSP45314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com