Electronic Components Datasheet Search
  English  ▼

X  

D25080 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # D25080
Description  My-Com precision switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

D25080 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  D25080 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7/1/2014
MY-COM D250/80
MY-COM D250/80
My-Com precision switches
My-Com precision switches
www.baumer.com
general data
repeat accuracy
< 0,001 mm
activating force
250 cN
mech. pre-run / overrun
1 mm / 1 mm approx.
measurement type
contact with medium
direction of approach
frontal and lateral approach
electrical data
DC voltage max.
15 VDC
switch. current DC max.
2 mA
AC voltage max.
24 VAC
switch. current AC max.
50 mA
output circuit
break function (NC) mechanical
mechanical data
activating pin
hardened steel
housing material
browned brass
dimension
16 mm
type
cylindrical threaded
housing length
56 mm
connection types
cable, 80 cm
ambient conditions
operating temperature
-20 ... +75 °C
protection class
IP 67
photo
connection diagram
+
–
dimension drawing
4,5
ø
M16 x 0,5
SW24


Similar Part No. - D25080

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
D250-50632 JAE-D250-50632 Datasheet
1Mb / 13P
UL Recognized Product
D250-50632 JAE-D250-50632 Datasheet
59Kb / 3P
High-current connector DW1 Series, Shoulder bolt for panel attachment
D250-50717 JAE-D250-50717 Datasheet
99Kb / 2P
Waterproof Cable to Cable Connector, for HB01 Series, Shoulder Bolt
logo
Agere Systems
D2500 AGERE-D2500 Datasheet
267Kb / 8P
1.5 m m D2500-Type Digital Isolated DFB Laser Module
February 2000
logo
3M Electronics
D2500 3M-D2500 Datasheet
1Mb / 6P
3M™ Four‑Wall Header
13-Jun-2012
More results

Similar Description - D25080

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
A30S35 IVO-A30S35 Datasheet
87Kb / 1P
My-Com precision switches
A3080 IVO-A3080 Datasheet
84Kb / 1P
My-Com precision switches
A7580 IVO-A7580 Datasheet
84Kb / 1P
My-Com precision switches
L75PS35L IVO-L75PS35L Datasheet
59Kb / 1P
My-Com precision switches
M75N80 IVO-M75N80 Datasheet
58Kb / 1P
My-Com precision switches
M75P80 IVO-M75P80 Datasheet
58Kb / 1P
My-Com precision switches
C7580 IVO-C7580 Datasheet
83Kb / 1P
My-Com precision switches
E75N80L IVO-E75N80L Datasheet
64Kb / 1P
My-Com precision switches
G75P80L IVO-G75P80L Datasheet
60Kb / 1P
My-Com precision switches
G75PS35L IVO-G75PS35L Datasheet
61Kb / 1P
My-Com precision switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com