Electronic Components Datasheet Search
  English  ▼

X  

HSP9521CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP9521CS
Description  Multilevel Pipeline Registers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP9521CS Datasheet(HTML) 1 Page - Intersil Corporation

  HSP9521CS Datasheet HTML 1Page - Intersil Corporation HSP9521CS Datasheet HTML 2Page - Intersil Corporation HSP9521CS Datasheet HTML 3Page - Intersil Corporation HSP9521CS Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
File Number
2811.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HSP9520, HSP9521
Multilevel Pipeline Registers
These devices are multilevel pipeline registers implemented
using a low power CMOS process. They are pin for pin
compatible replacements for industry standard multilevel
pipeline registers such as the L29C520 and L29C521. The
HSP9520 and HSP5921 are direct replacements for the
AM29520 and AM29521 and WS59520 and WS59521.
They consist of four 8-bit registers which are dual ported.
They can be configured as a single four level pipeline or a
dual two level pipeline. A single 8-bit input is provided, and
the pipelining configuration is determined by the instruction
code input to the I0 and I1 inputs (see instruction control).
The contents of any of the four registers is selectable at the
multiplexed outputs through the use of the S0 and S1
multiplexer control inputs (see register select. The output is 8
bits wide and is three-stated through the use of the OE input.
The HSP9520 and HSP9521 differ only in the way data is
loaded into and between the registers in dual two-level
operation. In the HSP9520 when data is loaded into the first
level the existing data in the first level is moved to the second
level. In the HSP9521 loading the first level simply causes
the current data to be overwritten. Transfer of data to the
second level is achieved using the single four level mode (I1,
I0 = ‘0’). This instruction also causes the first level to be
loaded. The HOLD instruction (I1, I0 = ‘1’) provides a means
of holding the contents of all registers.
Features
• Four 8-Bit Registers
• Hold, Transfer and Load Instructions
• Single 4-Stage or Dual-2 Stage Pipelining
• All Register Contents Available at Output
• Fully TTL Compatible
• Three-State Outputs
• High Speed, Low Power CMOS
Applications
• Array Processor
• Digital Signal Processor
• A/D Buffer
• Telecommunication
• Byte Wide Shift Register
• Mainframe Computers
Pinout
HSP9520, HSP9521 (SOIC, PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HSP9520CP
0 to 70
24 Ld PDIP
E24.3
HSP9520CS
0 to 70
24 Ld SOIC
M24.3
HSP9521CP
0 to 70
24 Ld PDIP
E24.3
HSP9521CS
0 to 70
24 Ld SOIC
M24.3
I0
I1
D0
D1
D2
D3
D4
D5
D6
D7
CLK
GND
VCC
S1
Y0
Y1
Y2
Y4
Y6
Y7
S0
Y3
Y5
OE
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
Data Sheet
May 1999


Similar Part No. - HSP9521CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501 Datasheet
49Kb / 8P
Programmable Data Buffer
1999 01
HSP9501 INTERSIL-HSP9501 Datasheet
372Kb / 8P
Programmable Data Buffer
August 2004
logo
Renesas Technology Corp
HSP9501 RENESAS-HSP9501 Datasheet
657Kb / 8P
Programmable Data Buffer
Aug 2004
logo
Intersil Corporation
HSP9501JC-25 INTERSIL-HSP9501JC-25 Datasheet
49Kb / 8P
Programmable Data Buffer
1999 01
HSP9501JC-2596 INTERSIL-HSP9501JC-2596 Datasheet
49Kb / 8P
Programmable Data Buffer
1999 01
More results

Similar Description - HSP9521CS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
MULTILEVEL PIPELINE REGISTER
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
4 x 8-bit Multilevel Pipeline Register
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
4 x 16-bit Multilevel Pipeline Register
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
Internal pipeline architecture
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
Multilevel Pipeline Registers
Rev. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com