Electronic Components Datasheet Search
  English  ▼

X  

PS9905 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9905
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9905 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9905 Datasheet HTML 6Page - Renesas Technology Corp PS9905 Datasheet HTML 7Page - Renesas Technology Corp PS9905 Datasheet HTML 8Page - Renesas Technology Corp PS9905 Datasheet HTML 9Page - Renesas Technology Corp PS9905 Datasheet HTML 10Page - Renesas Technology Corp PS9905 Datasheet HTML 11Page - Renesas Technology Corp PS9905 Datasheet HTML 12Page - Renesas Technology Corp PS9905 Datasheet HTML 13Page - Renesas Technology Corp PS9905 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PS9905
Chapt
R08DS0058EJ0100 Rev.1.00
Page 10 of 18
Jun 11, 2012
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
6
8
10
12
14
16
18
150
100
50
0
15
20
25
30
150
100
50
0
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
10
20
30
40
50
150
100
50
0
0
0.5
1.0
1.5
2.5
2.0
8
6
4
2
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
0
1020304050
150
100
50
0
Load Resistance Rg (
Ω)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
0
−40 −20
20
40
60
80
150
100
50
0
100
−40°C
+25
°C
VCC = 30 V,
VEE = GND,
IF = 0 mA
TA = +110
°C
TA = 25
°C, IF = 12 mA,
VCC = 30 V, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
IF = 12 mA, VCC = 30 V,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
TA = 25
°C, IF = 12 mA,
VCC = 30 V, Rg = 10
Ω,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
TA = 25
°C, IF = 12 mA,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
TA = 25
°C, VCC = 30 V,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com