Electronic Components Datasheet Search
  English  ▼

X  

ADT6001 Datasheet(PDF) 2 Page - ADTech

Part # ADT6001
Description  Constant current offline LED driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6001 Datasheet(HTML) 2 Page - ADTech

  ADT6001 Datasheet HTML 1Page - ADTech ADT6001 Datasheet HTML 2Page - ADTech ADT6001 Datasheet HTML 3Page - ADTech ADT6001 Datasheet HTML 4Page - ADTech ADT6001 Datasheet HTML 5Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ADT6001
High power-factor, constant current offline LED driver IC
PIN DESCRIPTION
Pin No.
Pin Name
Description
1
PD1
Peak detector for sense input
2
PD2
Peak detector for auto range output
3
AROUT
Auto range signal output
4
SCALE
Auto range signal scale voltage input
5
CT
Sh T ff l
h
d h
i l
i hi
f
5
CT
Sets the Toff length and the nominal switching frequency
6
ISEN
Current sense voltage input
7
GND
Ground
8
OUT
Gate driver output for external MOSFET
9
VDDH
Chip supply voltage
10
VSEN
Vlt
i
t
10
VSEN
Voltage sense input
PIN CONFIGURATION
1
2
3
PD1
VSEN
PD2
VDDH
AROUT
OUT
10
9
8
4
5
SCALE
GND
CT
ISEN
7
6
Package outline
Jun. 26. 2013
2/5
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com