Electronic Components Datasheet Search
  English  ▼

X  

ADT6011 Datasheet(PDF) 4 Page - ADTech

Part # ADT6011
Description  Transition Mode PFC controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6011 Datasheet(HTML) 4 Page - ADTech

  ADT6011 Datasheet HTML 1Page - ADTech ADT6011 Datasheet HTML 2Page - ADTech ADT6011 Datasheet HTML 3Page - ADTech ADT6011 Datasheet HTML 4Page - ADTech ADT6011 Datasheet HTML 5Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6011
Dec. 18. 2013 / Rev. 0.0
Transition Mode PFC controller
PIN DESCRIPTION
BLOCK DIAGRAM
Pin No.
Pin Name
Description
1
INV
Inverting input of the error amplifier.
2
COMP
Output of Error amplifier. The compensation network is placed between INV and
COMP pin.
3
MULT
Main input of the multiplier. Connected to the rectified main voltage via a resistor
divider and provides the sinusoidal reference to the current loop.
4
CS
Current sense input and one input of internal PWM comparator.
5
ZCD
Zero Current Detection input. A negative edge triggers MOSFET’ turn on.
6
GND
Ground.
7
GD
Gate driver output.
8
VCC
Supply voltage input.
S
Q
R
LEB
Starter
VCC
Driver
Vref
VCCOVP
Vref
UVLO
Lower
clamp
5.8V
5.8V
Lower
clamp
40V
INVOVP
SOVP
1.4V/0.7V
2.6V
2.5V
2.25V
15V
VCCOVP
UVLO
INVOVP
SOVP
1V
OTP
Multiplier &
THD optimizer
INV
COMP
MULT
CS
GD
GND
ZCD
VCC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com