Electronic Components Datasheet Search
  English  ▼

X  

C10080 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # C10080
Description  My-Com precision switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

C10080 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  C10080 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7/1/2014
MY-COM C100/80
MY-COM C100/80
My-Com precision switches
My-Com precision switches
www.baumer.com
general data
repeat accuracy
< 0,001 mm
activating force
100 cN
mech. pre-run / overrun
- / 1,5 mm approx.
measurement type
contact with medium
direction of approach
frontal
electrical data
DC voltage max.
15 VDC
switch. current DC max.
2 mA
AC voltage max.
24 VAC
switch. current AC max.
50 mA
output circuit
break function (NC) mechanical
mechanical data
activating pin
zirconium oxide ZrO2
housing material
brass nickel plated
dimension
8 mm
type
rectangular
housing length
20 mm
connection types
cable, 80 cm
ambient conditions
operating temperature
-20 ... +75 °C
protection class
IP 50
photo
connection diagram
+
–
dimension drawing
9
12
1
ø
4
8


Similar Part No. - C10080

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
C1008 KISEMICONDUCTOR-C1008 Datasheet
149Kb / 2P
NPN SILICON TRANSISTOR
logo
Hamamatsu Corporation
C10082CA HAMAMATSU-C10082CA Datasheet
300Kb / 4P
Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
C10082CAH HAMAMATSU-C10082CAH Datasheet
300Kb / 4P
Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
C10082CA HAMAMATSU-C10082CA_15 Datasheet
440Kb / 9P
Mini-spectrometers
C10082MD HAMAMATSU-C10082MD Datasheet
293Kb / 4P
Mini-spectrometer TM series Integrating optical system, image sensor and circuit
More results

Similar Description - C10080

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
A30S35 IVO-A30S35 Datasheet
87Kb / 1P
My-Com precision switches
A3080 IVO-A3080 Datasheet
84Kb / 1P
My-Com precision switches
A7580 IVO-A7580 Datasheet
84Kb / 1P
My-Com precision switches
L75PS35L IVO-L75PS35L Datasheet
59Kb / 1P
My-Com precision switches
M75N80 IVO-M75N80 Datasheet
58Kb / 1P
My-Com precision switches
M75P80 IVO-M75P80 Datasheet
58Kb / 1P
My-Com precision switches
C7580 IVO-C7580 Datasheet
83Kb / 1P
My-Com precision switches
E75N80L IVO-E75N80L Datasheet
64Kb / 1P
My-Com precision switches
G75P80L IVO-G75P80L Datasheet
60Kb / 1P
My-Com precision switches
G75PS35L IVO-G75PS35L Datasheet
61Kb / 1P
My-Com precision switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com