Electronic Components Datasheet Search
  English  ▼

X  

HS35F Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # HS35F
Description  Insulated through hollow shaft 0.375...1 inch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

HS35F Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  HS35F Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG HS35F Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Incremental encoders
www.baumer.com/motion
2
HS35F
Part number
Insulated through hollow shaft ø0.375...1 inch
1024…80000 pulses per revolution
* Pulse numbers are interpolated.
** Other cable lengths on request.
HS35F
E
Mounting kit
T1 Tether arm T1, fixed length, for bolt 3/8”
T3 Tether arm T3, adjustable length, for bolt 1/4”
T4 Tether arm T4, adjustable length, for bolt 5/16”
T5 Tether arm T5, adjustable length, for bolt 3/8”
Protection
4 IP 54
5 IP 65
7 IP 67 (dust cap included)
Through hollow shaft
100 ø1.000” (ø25.4 mm) 
| M20 ø20 mm
087 ø0.875” (ø22.23 mm) 
| M18 ø18 mm
075 ø0.750” (ø19.05 mm) 
| M16 ø16 mm
062 ø0.625” (ø15.88 mm) 
| M14 ø14 mm
050 ø0.500” (ø12.7 mm) 
| M12 ø12 mm
037 ø0.375” (ø9.525 mm) 
| M10 ø10 mm
Operating temperature
E -40...+212 °F (-40...+100 °C)
Phasing
B Standard phasing, CCW rotation, A leads B
D Phasing option, CW rotation, A leads B
Connection
MI07
MIL-connector, 7-pin (at ABZ)
MI10
MIL-connector, 10-pin (at ABZC)
C012
Cable gland with cable and wire end sleeves L=12” (305 mm)
C018
Cable gland with cable and wire end sleeves L=18” (457 mm)
C024
Cable gland with cable and wire end sleeves L=24” (610 mm) **
Output signals
ABZ_ A, B, Z
ABZC A, B, Z + complements
Voltage supply / signals
T Vin = 4.75...30 VDC, Vout = 5 V (7272) / TTL-signals
H Vin = 4.75...30 VDC, Vout = Vin (7272) / HTL-signals
O Vin = 4.75...30 VDC, Vout = Vin (7273) / Open Collector (OC), (external pull-up resistor required)
Pulse number - see table
Pulse number
01024
03072
08192*
20000*
80000*
02000
03600
10000*
25000*
02048
04096
15000*
32768*
02500
05000
16384*
40000*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com