Electronic Components Datasheet Search
  English  ▼

X  

MA20 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # MA20
Description  With measuring arm and wheel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

MA20 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  MA20 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG MA20 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumer.com/motion
Incremental encoders
1
MA20 with mounting accessories
Features
– Encoder with 16 predefined resolutions
– Max. 25000 pulses per revolution
– Measuring wheel circumference 200 mm
– Manual adjustment without any programming tool
– Contact pressure seamlessly adjustable
– Different degrees of rubber hardness for optimal grip
Technical data - electrical ratings
Voltage supply
4.75...30 VDC
Consumption typ.
100 mA (24 VDC, w/o load)
Pulses per revolution
100...25000
Sensing method
Optical
Output frequency
≤300 kHz
Output signals
A 90° B
Output stages
Push-pull antivalent,
short-circuit proof (HTL)
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-3
MA20
Technical data - mechanical design
Size (flange)
ø40 mm
Shaft type
ø6 mm solid shaft
Protection DIN EN 60529 IP 64
Operating speed
≤3000 rpm
Operating torque typ.
0.0075 Nm (3000 rpm / 20 °C)
Materials
Encoder housing: aluminium
Measuring arm: Aluminium/steel
Measuring wheel: Aluminium/
NBR
Operating temperature
-20...+85 °C
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 10-200 Hz
DIN EN 60068-2-27
Shock 50 g, 11 ms
Connection
Connector M12, 8-pin
Cable 2 m
Weight approx.
100 g
With measuring arm and wheel
100...25000 manual adjustable
90°
CHA
CHA comp.
CHB
CHB comp.
Counter clockwise rotating direction when looking at the flange.
Output signals
Switch
Resolution
Switch
Resolution
0
100
8
2000
1
200
9
2048 (default)
2
360
A
2500
3
500
B
3600
4
512
C
5000
5
720
D
10000
6
1000
E
20000
7
1024
F
25000
Switch setting (HEX switch)


Similar Part No. - MA20

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
MA20 LUMINIS-MA20 Datasheet
734Kb / 5P
Cast aluminum LED heat sink
logo
Extech Instruments Corp...
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
logo
M-System Co.,Ltd.
MA200 MSYSTEM-MA200 Datasheet
111Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
amphenol-sensors
MA200 AMPHENOLADVANCEDSENSORS-MA200 Datasheet
346Kb / 4P
Biomedical Chip NTC Thermistors
03/2020
logo
Tiger Electronic Co.,Lt...
MA2000 TGS-MA2000 Datasheet
200Kb / 6P
Silicon planar type
More results

Similar Description - MA20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8635 SEMTECH-SX8635 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Wheel Touch Controller with Enhanced LED
logo
Semikron International
SK35BZ SEMIKRON-SK35BZ Datasheet
240Kb / 2P
1-phase bridge rectifier with one diode arm and one thyristor arm
logo
Mallory performance clu...
86003 MALLORY-86003 Datasheet
110Kb / 2P
Trigger Wheel
86103 MALLORY-86103 Datasheet
128Kb / 2P
Trigger Wheel
86153 MALLORY-86153 Datasheet
128Kb / 2P
Trigger Wheel
logo
List of Unclassifed Man...
924-31196-001 ETC2-924-31196-001 Datasheet
88Kb / 1P
MEASURING WHEEL ASSY, 12" CIRCUMFERENCE
logo
ZIEHL industrie-elektro...
FRMU1000 ZIEHL-FRMU1000 Datasheet
318Kb / 2P
Frequency- and Speed-Relay FRMU1000 with integrated Measuring-Transducer
logo
SparkFun Electronics
ROB-08899 SPARKFUN-ROB-08899 Datasheet
98Kb / 1P
Wheel 42x19mm
1/18/2016
logo
Schneider Electric
VRKP2YYYYY00002 SCHNEIDER-VRKP2YYYYY00002 Datasheet
84Kb / 1P
primary arm with ball pins and indexing bolt
Apr 20, 2022
VRKP4YYYYY00002 SCHNEIDER-VRKP4YYYYY00002 Datasheet
84Kb / 1P
primary arm with ball pins and indexing bolt
Apr 20, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com