Electronic Components Datasheet Search
  English  ▼

X  

UPC2933HB Datasheet(PDF) 10 Page - NEC

Part # UPC2933HB
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2933HB Datasheet(HTML) 10 Page - NEC

Back Button UPC2933HB Datasheet HTML 6Page - NEC UPC2933HB Datasheet HTML 7Page - NEC UPC2933HB Datasheet HTML 8Page - NEC UPC2933HB Datasheet HTML 9Page - NEC UPC2933HB Datasheet HTML 10Page - NEC UPC2933HB Datasheet HTML 11Page - NEC UPC2933HB Datasheet HTML 12Page - NEC UPC2933HB Datasheet HTML 13Page - NEC UPC2933HB Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
µPC2900 Series
10
ELECTRICAL CHARACTERISTICS
µPC2909 (TJ = 25
°C, VIN = 12 V, IO = 500 mA, CIN = 0.22 µF, COUT = 47 µF,
unless otherwise specified.)
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
8.64
9.0
9.36
V
0
°C ≤ TJ ≤ 125 °C, 10 V ≤ VIN ≤ 18 V,
8.55
9.45
0 A
≤ IO ≤ 500 mA
0
°C ≤ TJ ≤ 125 °C, 0 A ≤ IO ≤ 1 A
Line Regulation
REGIN
10 V
≤ VIN ≤ 18 V
31
90
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1 A
32
90
mV
Quiescent Current
IBIAS
IO = 0 A
1.9
4.0
mA
IO = 1 A
27
60
Startup Quiescent Current
IBIAS (s)
VIN = 8.5 V, IO = 0 A
11
30
mA
VIN = 8.5 V, IO = 1 A
80
Quiescent Current Change
∆IBIAS
0
°C ≤ TJ ≤ 125 °C, 10 V ≤ VIN ≤ 18 V
3.0
20
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
155
µVr.m.s.
Ripple Rejection
R·R
f = 120 Hz, 10 V
≤ VIN ≤ 18 V
41
58
dB
Dropout Voltage
VDIF
0
°C ≤ TJ ≤ 125 °C, IO = 1 A
0.7
1.0
V
Short Circuit Current
IO short
VIN = 10.5 V
1.9
A
VIN = 18 V
1.0
Peak Output Current
IO peak
VIN = 10.5 V
1.1
1.5
3.0
A
VIN = 18 V
1.4
2.0
3.0
Temperature Coefficient of
∆VO/∆T0 °C ≤ TJ ≤ 125 °C, IO = 5 mA
1.0
mV/
°C
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com