Electronic Components Datasheet Search
  English  ▼

X  

UPC2933T Datasheet(PDF) 14 Page - NEC

Part # UPC2933T
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2933T Datasheet(HTML) 14 Page - NEC

Back Button UPC2933T Datasheet HTML 10Page - NEC UPC2933T Datasheet HTML 11Page - NEC UPC2933T Datasheet HTML 12Page - NEC UPC2933T Datasheet HTML 13Page - NEC UPC2933T Datasheet HTML 14Page - NEC UPC2933T Datasheet HTML 15Page - NEC UPC2933T Datasheet HTML 16Page - NEC UPC2933T Datasheet HTML 17Page - NEC UPC2933T Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
µPC2900 Series
14
IO peak vs VDIF ( PC2905)
µ
µ
µ
µ
µ
3.0
2.0
1.0
0
510
15
20
VDIF - Dropout Voltage - V
R · R vs f
80
70
0
100
1 k
10 k
100 k
f - Frequency - Hz
60
50
40
30
20
10
R · R vs IO ( PC2933)
80
70
30
0.2
0.4
0.6
1.0
IO - Output Current - A
VDIF vs IO ( PC2933)
1.0
0
0.2
0.4
0.6
1.0
IO - Output Current - A
0.8
0.6
0.4
0.2
0
0.8
0
60
50
40
0.8
VO vs IO ( PC2933)
6
5
0
0.4
0.8
1.2
2.4
IO - Output Current - A
1.6
4
3
1
2.0
2
TJ = 25 °C
TJ = 125 °C
TJ = 25 °C
IO = 1 A
PC2933
PC2912
TJ = 25 °C
TJ = 25 °C
4.3 V
≤ VIN ≤ 16 V
f = 120 Hz
TJ = 25 °C
VIN = 16 V
VIN = 5 V
TJ = 0 °C
PC2905
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com