Electronic Components Datasheet Search
  English  ▼

X  

PS8501 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS8501
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8501 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS8501 Datasheet HTML 4Page - Renesas Technology Corp PS8501 Datasheet HTML 5Page - Renesas Technology Corp PS8501 Datasheet HTML 6Page - Renesas Technology Corp PS8501 Datasheet HTML 7Page - Renesas Technology Corp PS8501 Datasheet HTML 8Page - Renesas Technology Corp PS8501 Datasheet HTML 9Page - Renesas Technology Corp PS8501 Datasheet HTML 10Page - Renesas Technology Corp PS8501 Datasheet HTML 11Page - Renesas Technology Corp PS8501 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet PN10656EJ04V0DS
8
PS8501,PS8501L1,PS8501L2,PS8501L3
Ambient Temperature TA (
°C)
HIGH LEVEL OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
Load Resistance RL (k
Ω)
PROPAGATION DELAY TIME,
vs. LORD RESISTANCE
10
1
0.1
10
100
1
1 000
1
0.1
100
10
50
100
–25
0
25
75
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME,
vs. AMBIENT TEMPERATURE
tPHL
tPLH
VCC = 5 V,
IF = 16 mA,
RL = 1.9 k
Ω
–50
–25
0
25
50
75
100
125
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
6
7
5
4
2
0
3
1
12
16
20
48
26
10
14
18
VCC = 5 V
RL
VCC
IF
5.5 k
Ω
RL = 1.9 k
Ω
12 k
Ω
IF = 0 mA
VCC = VO = 35 V
VCC = VO = 5.5 V
VCC = 5 V,
IF = 16 mA
tPLH
tPHL
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com