Electronic Components Datasheet Search
  English  ▼

X  

W632GG6KB Datasheet(PDF) 21 Page - Winbond

Part # W632GG6KB
Description  16M X 8 BANKS X 16 BIT DDR3 SDRAM
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GG6KB Datasheet(HTML) 21 Page - Winbond

Back Button W632GG6KB Datasheet HTML 17Page - Winbond W632GG6KB Datasheet HTML 18Page - Winbond W632GG6KB Datasheet HTML 19Page - Winbond W632GG6KB Datasheet HTML 20Page - Winbond W632GG6KB Datasheet HTML 21Page - Winbond W632GG6KB Datasheet HTML 22Page - Winbond W632GG6KB Datasheet HTML 23Page - Winbond W632GG6KB Datasheet HTML 24Page - Winbond W632GG6KB Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
W632GG6KB
Publication Release Date: Dec. 08, 2014
Revision: A04
- 21 -
The dynamic ODT feature is not supported at DLL-off mode. User must use MRS command to set
Rtt_WR, MR2 {A10, A9} = {0,0}, to disable Dynamic ODT externally.
8.3.2.2
Output Driver Impedance Control
The output driver impedance of the DDR3 SDRAM device is selected by MR1 (bits A1 and A5) as
shown in Figure 6.
8.3.2.3
ODT RTT Values
DDR3 SDRAM is capable of providing two different termination values (Rtt_Nom and Rtt_WR). The
nominal termination value Rtt_Nom is programmed in MR1. A separate value (Rtt_WR) may be
programmed in MR2 to enable a unique RTT value when ODT is enabled during writes. The Rtt_WR
value can be applied during writes even when Rtt_Nom is disabled.
8.3.2.4
Additive Latency (AL)
Additive Latency (AL) operation is supported to make command and data bus efficient for sustainable
bandwidths in DDR3 SDRAM. In this operation, the DDR3 SDRAM allows a read or write command
(either with or without auto-precharge) to be issued immediately after the active command. The
command is held for the time of the Additive Latency (AL) before it is issued inside the device. The
Read Latency (RL) is controlled by the sum of the AL and CAS Latency (CL) register settings. Write
Latency (WL) is controlled by the sum of the AL and CAS Write Latency (CWL) register settings. A
summary of the AL register options are shown in Table 2.
Table 2
– Additive Latency (AL) Settings
A4
A3
AL
0
0
0 (AL Disabled)
0
1
CL - 1
1
0
CL - 2
1
1
Reserved
Note:
AL has a value of CL - 1 or CL - 2 as per the CL values programmed in the MR0 register.
8.3.2.5
Write leveling
For better signal integrity, DDR3 memory module adopted fly-by topology for the commands,
addresses, control signals, and clocks. The fly-by topology has the benefit of reducing the number of
stubs and their length, but it also causes flight time skew between clock and strobe at every DRAM on
the DIMM. This makes it difficult for the controller to maintain tDQSS, tDSS, and tDSH specification.
Therefore, the DDR3
SDRAM supports a ‘write leveling’ feature to allow the controller to compensate
for skew. See section 8.9
“Write Leveling” on page 30 for more details.
8.3.2.6
Output Disable
The DDR3 SDRAM outputs may be enabled/disabled by MR1 (bit A12) as shown in Figure 6. When
this feature is enabled (A12 = 1), all output pins (DQs, DQS, DQS#, etc.) are disconnected from the
device, thus removing any loading of the output drivers. This feature may be useful when measuring
module power, for
example. For normal operation, A12 should be set to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com