Electronic Components Datasheet Search
  English  ▼

X  

PS9124 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9124
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9124 Datasheet HTML 5Page - Renesas Technology Corp PS9124 Datasheet HTML 6Page - Renesas Technology Corp PS9124 Datasheet HTML 7Page - Renesas Technology Corp PS9124 Datasheet HTML 8Page - Renesas Technology Corp PS9124 Datasheet HTML 9Page - Renesas Technology Corp PS9124 Datasheet HTML 10Page - Renesas Technology Corp PS9124 Datasheet HTML 11Page - Renesas Technology Corp PS9124 Datasheet HTML 12Page - Renesas Technology Corp PS9124 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0100 Rev.1.00
Page 9 of 15
Aug 30, 2013
Remark The graphs indicate nominal characteristics.
Ambient Temperature TA (
°C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
-25
0
25
50
100
125
75
-50
-25
0
25
50
100
125
75
-50
Forward Current IF (mA)
Forward Current IF (mA)
5
10
20
15
25
5
10
20
15
25
100
0
40
30
20
10
50
60
70
80
90
100
0
40
30
20
10
50
60
70
80
90
50
0
20
15
10
5
25
30
35
40
45
50
0
20
15
10
5
25
30
35
40
45
Ambient Temperature TA (
°C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
VCC = 3.3 V,
TA = 25
°C,
RL = 350
Ω
VCC = 3.3 V,
IF = 4.5 mA,
RL = 350
Ω
VCC = 5 V,
IF = 4.5 mA,
RL = 350
Ω
VCC = 5 V,
TA = 25
°C,
RL = 350
Ω
tPLH
tPLH
tPHL
tr
tf
tr
tf
tPHL
PWD
PWD
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com