Electronic Components Datasheet Search
  English  ▼

X  

W632GU8KB Datasheet(PDF) 13 Page - Winbond

Part # W632GU8KB
Description  32M X 8 BANKS X 8 BIT DDR3L SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GU8KB Datasheet(HTML) 13 Page - Winbond

Back Button W632GU8KB Datasheet HTML 9Page - Winbond W632GU8KB Datasheet HTML 10Page - Winbond W632GU8KB Datasheet HTML 11Page - Winbond W632GU8KB Datasheet HTML 12Page - Winbond W632GU8KB Datasheet HTML 13Page - Winbond W632GU8KB Datasheet HTML 14Page - Winbond W632GU8KB Datasheet HTML 15Page - Winbond W632GU8KB Datasheet HTML 16Page - Winbond W632GU8KB Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
W632GU8KB
Publication Release Date: Jan. 20, 2015
Revision: A05
- 13 -
4. The DDR3L SDRAM keeps its on-die termination in high-impedance state as long as RESET# is
asserted. Further, the SDRAM keeps its on-die termination in high impedance state after RESET#
deassertion until CKE is registered HIGH. The ODT input signal may be in undefined state until tIS
before CKE is registered HIGH. When CKE is registered HIGH, the ODT input signal may be
statically held at either LOW or HIGH. If Rtt_Nom is to be enabled in MR1, the ODT input signal
must be statically held LOW. In all cases, the ODT input signal remains static until the power up
initialization sequence is finished, including the expiration of tDLLK and tZQinit.
5. After CKE is being registered high, wait minimum of Reset CKE Exit time, tXPR, before issuing the
first MRS command to load mode register. (tXPR=max (tXS ; 5 * tCK)
6. Issue MRS Command to load MR2 with all application settings. (To issue MRS command for MR2,
provide “Low” to BA0 and BA2, “High” to BA1.)
7. Issue MRS Command to load MR3 with all application settings. (To issue MRS command for MR3,
provide “Low” to BA2, “High” to BA0 and BA1.)
8. Issue MRS Command to load MR1 with all application settings and DLL enabled. (To issue
“DLL
Enable
” command, provide “Low” to A0, “High” to BA0 and “Low” to BA1-BA2).
9.
Issue MRS Command to load MR0 with all application settings and “DLL reset”. (To issue DLL
reset command, provide
“High” to A8 and “Low” to BA0-2).
10.Issue ZQCL command to starting ZQ calibration.
11.Wait for both tDLLK and tZQinit completed.
12.The DDR3L SDRAM is now ready for normal operation.
TIME BREAK
DON'T CARE
Ta
Tb
Tc
Td
Te
Tf
Tg
Th
Ti
Tj
Tk
CK, CK#
VDD, VDDQ
RESET#
Command
BA
ODT
RTT
tCKSRX
T = 200 µs
T = 500 µs
tDLLK
VALID
VALID
VALID
VALID
Static LOW in case Rtt_Nom is enabled at time Tg. Otherwise static HIGH or LOW
*1
ZQCL
MRS
*1
MRS
MRS
MRS
MR2
MR3
MR1
MR0
tIS
tIS
tIS
tIS
tXPR
tMRD
tMRD
tMRD
tMOD
tZQinit
Tmin
CKE
10 ns
Note:
1.
From time point “Td” until “Tk” NOP or DES commands must be applied between MRS and ZQCL commands.
Figure 1
– Reset and Initialization Sequence at Power-on Ramping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com