Electronic Components Datasheet Search
  English  ▼

X  

PS9307L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9307L
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307L Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9307L Datasheet HTML 1Page - Renesas Technology Corp PS9307L Datasheet HTML 2Page - Renesas Technology Corp PS9307L Datasheet HTML 3Page - Renesas Technology Corp PS9307L Datasheet HTML 4Page - Renesas Technology Corp PS9307L Datasheet HTML 5Page - Renesas Technology Corp PS9307L Datasheet HTML 6Page - Renesas Technology Corp PS9307L Datasheet HTML 7Page - Renesas Technology Corp PS9307L Datasheet HTML 8Page - Renesas Technology Corp PS9307L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9307L,PS9307L2
Chapter Title
R08DS0046EJ0001 Rev.0.01
Page 3 of 12
Jan 25, 2012
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9307L
PS9307L2
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
7 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
MARKING EXAMPLE
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
1
31
R
9307
N131
No. 1 pin Mark
Assembly Lot
Type Number
Company Initial
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number
*1
PS9307L
PS9307L-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard
PS9307L
PS9307L-E3
PS9307L-E3-AX
(Ni/Pd/Au)
Embossed Tape 2 000
products
pcs/reel
(UL, CSA,
PS9307L2
PS9307L2-AX
20 pcs (Tape 20 pcs cut)
SEMKO
PS9307L2
PS9307L2-E3
PS9307L2-E3-AX
Embossed Tape 2 000
approved)
pcs/reel
PS9307L-V
PS9307L-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2 PS9307L
PS9307L-V-E3
PS9307L-V-E3-AX
Embossed Tape 2 000
(VDE0884 Part2)
pcs/reel
approved
PS9307L2-V
PS9307L2-V-AX
20 pcs (Tape 20 pcs cut)
(Option)
PS9307L2
PS9307L2-V-E3 PS9307L2-V-E3-AX
Embossed Tape 2 000
pcs/reel
Note: *1. For the application of the Safety Standard, following part number should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com