Electronic Components Datasheet Search
  English  ▼

X  

PS9308L2 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PS9308L2
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9308L2 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PS9308L2 Datasheet HTML 9Page - Renesas Technology Corp PS9308L2 Datasheet HTML 10Page - Renesas Technology Corp PS9308L2 Datasheet HTML 11Page - Renesas Technology Corp PS9308L2 Datasheet HTML 12Page - Renesas Technology Corp PS9308L2 Datasheet HTML 13Page - Renesas Technology Corp PS9308L2 Datasheet HTML 14Page - Renesas Technology Corp PS9308L2 Datasheet HTML 15Page - Renesas Technology Corp PS9308L2 Datasheet HTML 16Page - Renesas Technology Corp PS9308L2 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PS9308L, PS9308L2
Chapter Title
R08DS0048EJ0200 Rev.2.00
Page 13 of 20
Sep 27, 2013
IF = 10 mA,
VEE = GND
Supply Voltage VCC – VEE (V)
POWER CONSUMPTION PER CYCLE vs.
LOAD RESISTANCE
0
5
10
15
20
0
20
30
10
40
50
14
12
10
8
6
4
2
0
8
7
6
5
4
3
2
1
0
VUVLO−
VUVLO+
(12.3 V)
(11.0 V)
VUVLO+
UVLOHYS
Qg = 1000 nC
OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
Load Resistance Rg (
Ω)
Qg = 500 nC
Qg = 100 nC
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com