Electronic Components Datasheet Search
  English  ▼

X  

PS9506 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9506
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9506 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9506 Datasheet HTML 4Page - Renesas Technology Corp PS9506 Datasheet HTML 5Page - Renesas Technology Corp PS9506 Datasheet HTML 6Page - Renesas Technology Corp PS9506 Datasheet HTML 7Page - Renesas Technology Corp PS9506 Datasheet HTML 8Page - Renesas Technology Corp PS9506 Datasheet HTML 9Page - Renesas Technology Corp PS9506 Datasheet HTML 10Page - Renesas Technology Corp PS9506 Datasheet HTML 11Page - Renesas Technology Corp PS9506 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Preliminary document
PS9506,PS9506L1,PS9506L2,PS9506L3
Chapter Title
R08DS0018EJ0100 Rev.1.00
Page 8 of 20
Nov 10, 2011
SWITCHING CHARACTERISTICS (TA =
−40 to +110°C, VCC = 10 to 30 V, IF (ON) = 8 to
12 mA, VF (OFF) =
−2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Propagation Delay Time (L
→ H)
tPLH
Rg = 47
Ω, Cg = 3 nF,
0.05
0.18
0.4
μs
Propagation Delay Time (H
→ L)
tPHL
f = 10 kHz,
0.05
0.18
0.4
μs
Pulse Width Distortion (PWD)
|tPHL
−tPLH| Duty Cycle = 50%
*2,
0.25
μs
Propagation Delay Time
(Difference Between Any Two
Products)
tPHL
−tPLH IF = 10 mA,
VCC = 30 V
−0.3
0.3
μs
Rise Time
tr
50
ns
Fall Time
tf
50
ns
Common Mode Transient
Immunity at High Level Output
|CMH|
TA = 25
°C, IF = 10 mA,
VCC = 30 V, VCM = 1.5 kV,
VO (MIN.) = 26 V
25
kV/
μs
Common Mode Transient
Immunity at Low Level Output
|CML|
TA = 25
°C, IF = 0 mA,
VCC = 30 V, VCM = 1.5 kV,
VO (MAX.) = 1 V
25
kV/
μs
Notes: *1. Typical values at TA = 25
°C, VCC − VEE = 30 V.
*2. This load condition is equivalent to the IGBT load at 1 200 V/25 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com