Electronic Components Datasheet Search
  English  ▼

X  

UPC2905HF Datasheet(PDF) 17 Page - NEC

Part # UPC2905HF
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2905HF Datasheet(HTML) 17 Page - NEC

Back Button UPC2905HF Datasheet HTML 12Page - NEC UPC2905HF Datasheet HTML 13Page - NEC UPC2905HF Datasheet HTML 14Page - NEC UPC2905HF Datasheet HTML 15Page - NEC UPC2905HF Datasheet HTML 16Page - NEC UPC2905HF Datasheet HTML 17Page - NEC UPC2905HF Datasheet HTML 18Page - NEC UPC2905HF Datasheet HTML 19Page - NEC UPC2905HF Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
µPC2900 Series
17
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering
processes are used, or if the soldering is perfomed under different condition, please make sure to consult with our
sales offices.
Fof more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL”
(C10535E).
Surface mount devices
µPC2900T Series: MP-3Z
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 235
°C or below (Package surface temperature),
IR35-00-2
Reflow time: 30 seconds or less (at 210
°C or higher),
Maximum number of reflow processes: 2 times.
VPS
Peak temperature: 215
°C or below (Package surface temperature),
VP15-00-2
Reflow time: 40 seconds or less (at 200
°C or higher),
Maximum number of reflow processes: 2 times.
Wave soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less,
WS60-00-1
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120
°C or below (Package surface temperature).
Partial heating method
Pin temperature: 300
°C or below,
—
Heat time: 3 seconds or less (Per each side of the device).
Caution Apply only one kind of soldering condition to a device, except for “partial heating method”, or
the device will be damaged by heat stress.
Through-hole devices
µPC2900HF Series: MP-45G
µPC2900HB Series: MP-3
Process
Conditions
Wave soldering
Solder temperature: 260
°C or below,
(only to leads)
Flow time: 10 seconds or less.
Partial heating method
Pin temperature: 300
°C or below,
Heat time: 3 seconds or less (Per each pin).
Caution For through-hole device, the wave soldering process must be applied only to leads, and make
sure that the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com