Electronic Components Datasheet Search
  English  ▼

X  

UPC2905HB Datasheet(PDF) 1 Page - NEC

Part # UPC2905HB
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2905HB Datasheet(HTML) 1 Page - NEC

  UPC2905HB Datasheet HTML 1Page - NEC UPC2905HB Datasheet HTML 2Page - NEC UPC2905HB Datasheet HTML 3Page - NEC UPC2905HB Datasheet HTML 4Page - NEC UPC2905HB Datasheet HTML 5Page - NEC UPC2905HB Datasheet HTML 6Page - NEC UPC2905HB Datasheet HTML 7Page - NEC UPC2905HB Datasheet HTML 8Page - NEC UPC2905HB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC2900 Series
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
The
µPC2900 series of low dropout voltage three terminal positive regulators is constructed with PNP output
transistor. The
µPC2900 series feature the ability to source 1 A of output current with a low dropout voltage of typically
0.7 V.
The power dissipation of the
µPC2900 series can be drastically reduced compared with the conventional three
terminal positive voltage regulators that is constructed with NPN output transistor. Also, this series corresponds to
the low voltage output (3 V, 3.3 V) which is not in the conventional low dropout regulators (
µPC2400A series).
FEATURES
•
Output current in excess of 1.0 A
•
Low dropout voltage VDIF = 0.7 V TYP. (at IO = 1 A)
•
On-chip overcurrent and thermal protection circuit
•
On-chip output transistor safe area protection circuit
PIN CONFIGURATION (Marking Side)
µPC2900HF Series: MP-45G
µPC2900HB Series: MP-3
µPC2900T Series: MP-3Z
12
1: INPUT
2: GND
3: OUTPUT
3
12
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
3
4
Document No. G10026EJ3V0DS00 (3rd edition)
Date Published July 1998 N CP(K)
Printed in Japan
The information in this document is subject to change without notice.
The mark
shows major revised points.
©
1997
DATA SHEET


Similar Part No. - UPC2905HB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2905HB RENESAS-UPC2905HB Datasheet
354Kb / 23P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC2905HB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com