Electronic Components Datasheet Search
  English  ▼

X  

ICL7129CPL Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7129CPL
Description  41/2 Digit LCD, Single-Chip A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7129CPL Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7129CPL Datasheet HTML 1Page - Intersil Corporation ICL7129CPL Datasheet HTML 2Page - Intersil Corporation ICL7129CPL Datasheet HTML 3Page - Intersil Corporation ICL7129CPL Datasheet HTML 4Page - Intersil Corporation ICL7129CPL Datasheet HTML 5Page - Intersil Corporation ICL7129CPL Datasheet HTML 6Page - Intersil Corporation ICL7129CPL Datasheet HTML 7Page - Intersil Corporation ICL7129CPL Datasheet HTML 8Page - Intersil Corporation ICL7129CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3-31
August 1997
ICL7129
41/2 Digit LCD,
Single-Chip A/D Converter
Features
•
±19,999 Count A/D Converter Accurate to ±4 Count
•10
µV Resolution on 200mV Scale
• 110dB CMRR
• Direct LCD Display Drive
• True Differential Input and Reference
• Low Power Consumption
• Decimal Point Drive Outputs
• Overrange and Underrange Outputs
• Low Battery Detection and Indication
• 10:1 Range Change Input
Description
The Intersil ICL7129 is a very high performance 41/2-digit,
analog-to-digital converter that directly drives a multiplexed
liquid crystal display. This single chip CMOS integrated cir-
cuit requires only a few passive components and a reference
to operate. It is ideal for high resolution hand-held digital
multimeter applications.
The performance of the ICL7129 has not been equaled
before in a single chip A/D converter. The successive integra-
tion technique used in the ICL7129 results in accuracy better
than 0.005% of full scale and resolution down to 10
µV/count.
The ICL7129, drawing only 1mA from a 9V battery, is well
suited for battery powered instruments. Provision has been
made for the detection and indication of a “LOW/BATTERY”
condition. Autoranging instruments can be made with the
ICL7129 which provides overrange and underrange outputs
and 10:1 range changing input. The ICL7129 instantly checks
for continuity, giving both a visual indication and a logic level
output which can enable an external audible transducer. These
features and the high performance of the ICL7129 make it an
extremely versatile and accurate instrument-on-a-chip.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
ICL7129CPL
0 to 70
40 Ld PDIP
E40.6
ICL7129RCPL
0 to 70
40 Ld PDIP
E40.6
ICL7129CM44
0 to 70
44 Ld MQFP
Q44.10x10
NOTE: “R” indicates device with reversed leads.
ICL7129 (PDIP)
TOP VIEW
ICL7129 (MQFP)
TOP VIEW
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
OSC1
OSC3
ANNUNCIATOR
B1, C1, CONT
A1, G1, D1
F1, E1, DP1
B2, C2, LO BAT
A2, G2, D2
F2, E2, DP2
B3, C3, MINUS
A3, G3, D3
F3, E3, DP3
B4, C4, BC5
A4, D4, G4
F4, E4, DP4
BP3
BP2
BP1
VDISP
DP4/OR
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC2
DP1
DP2
RANGE
DGND
REF LO
REF HI
IN HI
IN LO
BUFF
CREF-
CREF+
COMMON
CONTINUITY
INT OUT
INT IN
V+
V-
LATCH/HOLD
DP3/UR
DRIVE
OSC 1
OSC 2
DP1
DP2
RANGE
DGND
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17
OSC 3
NC
NC
ANNUNCE
B1, C1, CONT
28
27
26
25
24
23
22
21
20
19
18
BP3
BP2
BP1
VDISP
DP4/OR
DP3/UR
39 38 37 36 35 34
33
32
31
30
29
44 43 42 41 40
V+
V-
NC
NC
LATCH/
DRIVE
HOLD
File Number
3085.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - ICL7129CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7129CPL INTERSIL-ICL7129CPL Datasheet
727Kb / 10P
4쩍 Digit LCD, Single-Chip A/D Converter
July 2000
More results

Similar Description - ICL7129CPL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
2-DIGIT SINGLE CHIP A/D CONVERTER
logo
NTE Electronics
NTE2050 NTE-NTE2050 Datasheet
26Kb / 4P
Integrated Circuit 31/2-Digit Single Chip A/D Converter
logo
Intersil Corporation
ICM7224 INTERSIL-ICM7224 Datasheet
576Kb / 7P
41/2 Digit LCD Display Counter
May 2001
logo
Maxim Integrated Produc...
ICL7129A MAXIM-ICL7129A Datasheet
628Kb / 12P
4-1/2 Digit Single-Chip A/D Converter with LCD Driver
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7129 INTERSIL-ICL7129_00 Datasheet
727Kb / 10P
4쩍 Digit LCD, Single-Chip A/D Converter
July 2000
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7135CPI INTERSIL-ICL7135CPI Datasheet
516Kb / 15P
41/2 Digit, BCD Output, A/D Converter
August 28, 2007
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135_V01 Datasheet
734Kb / 13P
41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com