Electronic Components Datasheet Search
  English  ▼

X  

ICL7135 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ICL7135
Description  4 1/2 Digit, BCD Output, A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7135 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ICL7135 Datasheet HTML 7Page - Intersil Corporation ICL7135 Datasheet HTML 8Page - Intersil Corporation ICL7135 Datasheet HTML 9Page - Intersil Corporation ICL7135 Datasheet HTML 10Page - Intersil Corporation ICL7135 Datasheet HTML 11Page - Intersil Corporation ICL7135 Datasheet HTML 12Page - Intersil Corporation ICL7135 Datasheet HTML 13Page - Intersil Corporation ICL7135 Datasheet HTML 14Page - Intersil Corporation ICL7135 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
FN3093.3
FIGURE 13. ICL7135 TO UART INTERFACE
FIGURE 14. COMPLEX ICL7135 TO UART INTERFACE
FIGURE 15. ICL7135 TO MC6800, MCS650X INTERFACED
FIGURE 16. ICL7135 TO MCS-48, -80, -85 INTERFACE
EPE
POL
D5
ICL7135
NC
RUN/HOLD
STROBE
TBR
TBRL
+5V
D4
D3
D2
D1
B1
B2 B4
TRO
B8
12
3
4
5
6
8
7
UART
SERIAL OUTPUT
TO RECEIVING UART
IM6402/3
1A 2A 3A
B4
B2
B1
1B 2B 3B
234
D2
D3
D5
8
7
6
D1
5
1Y 2Y 3Y
1
B8
RUN/HOLD
STROBE
BUSY
ICL7135
ENABLE
IM6402/3
TRO
RRI
DRR
DR
TBRL
EPE
+5V
100pF
10K
74C157
TBR
D4
EN
74C157
1B 2B 3B
1A 2A 3A
1Y
2Y
3Y
B1
D5 B8 B4 B2
D1
D2
D3
D4
ICL7135
1Y
PA0
PA1
PA2
PA4
PA5
PA6
PA7
RUN/
HOLD STROBE
CA1
CA2
MC6820
MC680X
OR
MCS650X
PA3
EN
74C157
1B 2B 3B
1A 2A 3A
1Y
2Y
3Y
B1
D5 B8 B4 B2
D1
D2
D3
D4
ICL7135
1Y
PA0
PA1
PA2
PA4
PA5
PA6
PA7
RUN/
HOLD STROBE
STBA PB0
8255
(MODE1)
80C48
8080
8085,
ETC.
PA3
ICL7135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com