Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPLZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ICL7107SCPLZ
Description  3 1/2 Digit, LCD/LED Display, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107SCPLZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ICL7107SCPLZ Datasheet HTML 8Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 9Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 10Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 11Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 12Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 13Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 14Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 15Page - Intersil Corporation ICL7107SCPLZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FN3082.7
FIGURE 17. ICL7107 MEASUREING RATIOMETRIC VALUES
OF QUAD LOAD CELL
FIGURE 18. ICL7106 USED AS A DIGITAL CENTIGRADE
THERMOMETER
FIGURE 19. CIRCUIT FOR DEVELOPING UNDERRANGE AND
OVERRANGE SIGNAL FROM ICL7106 OUTPUTS
FIGURE 20. CIRCUIT FOR DEVELOPING UNDERRANGE AND
OVERRANGE SIGNALS FROM ICL7107 OUTPUT
Typical Applications (Continued)
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
GND
100pF
TO PIN 1
0.1
µF
100k
Ω
0.47
µF
TO DISPLAY
The resistor values within the bridge are determined by the desired
sensitivity.
V+
0.22
µF
47k
Ω
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
100pF
TO PIN 1
0.1
µF
0.01
µF
100k
Ω
100k
Ω 1MΩ
9V
47k
Ω
0.22
µF
0.47
µF
TO BACKPLANE
TO DISPLAY
A silicon diode-connected transistor has a temperature coefficient of
about -2mV/oC. Calibration is achieved by placing the sensing
transistor in ice water and adjusting the zeroing potentiometer for a
000.0 reading. The sensor should then be placed in boiling water
and the scale-factor potentiometer adjusted for a 100.0 reading.
SCALE
FACTOR
ADJUST
100k
Ω 220kΩ
22k
Ω
SILICON NPN
MPS 3704 OR
SIMILAR
ZERO
ADJUST
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V+
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2
C3
A3
G3
BP
O/RANGE
U/RANGE
CD4023 OR
74C10
CD4077
TO LOGIC
VCC
V+
TO
LOGIC
V-
GND
O/RANGE
U/RANGE
CD4023 OR
74C10
TO LOGIC
VCC
+5V
V-
33k
Ω
The LM339 is required to
ensure
logic
compatibility
with heavy display loading.
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V+
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2
C3
A3
G3
BP
12k
Ω
+
-
+
-
+
-
+
-
LM339
ICL7106, ICL7107, ICL7107S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com