Electronic Components Datasheet Search
  English  ▼

X  

ICL7660SCBA Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7660SCBA
Description  Super Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660SCBA Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7660SCBA Datasheet HTML 1Page - Intersil Corporation ICL7660SCBA Datasheet HTML 2Page - Intersil Corporation ICL7660SCBA Datasheet HTML 3Page - Intersil Corporation ICL7660SCBA Datasheet HTML 4Page - Intersil Corporation ICL7660SCBA Datasheet HTML 5Page - Intersil Corporation ICL7660SCBA Datasheet HTML 6Page - Intersil Corporation ICL7660SCBA Datasheet HTML 7Page - Intersil Corporation ICL7660SCBA Datasheet HTML 8Page - Intersil Corporation ICL7660SCBA Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3-38
Oscillator Impedance
ZOSC
V+ = 2V
-
1
-
M
Ω
V+ = 5V
-
100
-
k
Ω
NOTES:
3. Derate linearly above 50oC by 5.5mW/oC
4. In the test circuit, there is no external capacitor applied to pin 7. However, when the device is plugged into a test socket, there is usually a very
small but finite stray capacitance present, of the order of 5pF.
5. The Intersil ICL7660S can operate without an external diode over the full temperature and voltage range. This device will function in existing
designs which incorporate an external diode with no degradation in overall circuit performance.
6. All significant improvements over the industry standard ICL7660 are highlighted.
Electrical Specifications
V+ = 5V, TA = 25
oC, OSC = Free running, Test Circuit Figure 12, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves (Test Circuit Figure 12)
FIGURE 1. OPERATING VOLTAGE AS A
FUNCTION OF TEMPERATURE
FIGURE 2. OUTPUT SOURCE RESISTANCE AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 3. OUTPUT SOURCE RESISTANCE AS A
FUNCTION OF TEMPERATURE
FIGURE 4. POWER CONVERSION EFFICIENCY AS A
FUNCTION OF OSCILLATOR FREQUENCY
-55
-25
0
25
50
100
125
12
10
8
6
4
2
0
TEMPERATURE (oC)
SUPPLY VOLTAGE RANGE
(NO DIODE REQUIRED)
250
200
150
100
50
0
02
4
6
8
10
12
SUPPLY VOLTAGE (V)
TA = 125
oC
TA = 25
oC
TA = -55
oC
350
300
250
200
150
100
50
0
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
IOUT = 20mA,
V+ = 12V
IOUT = 20mA,
V+ = 5V
IOUT = 20mA,
V+ = 5V
IOUT = 3mA,
V+ = 2V
98
96
94
92
90
88
86
84
82
80
100
1k
10k
50k
OSC FREQUENCY FOSC (Hz)
V+ = 5V
TA = 25
oC
IOUT = 1mA
ICL7660S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com