Electronic Components Datasheet Search
  English  ▼

X  

ICM7213 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICM7213
Description  One Second/One Minute Timebase Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7213 Datasheet(HTML) 2 Page - Intersil Corporation

  ICM7213 Datasheet HTML 1Page - Intersil Corporation ICM7213 Datasheet HTML 2Page - Intersil Corporation ICM7213 Datasheet HTML 3Page - Intersil Corporation ICM7213 Datasheet HTML 4Page - Intersil Corporation ICM7213 Datasheet HTML 5Page - Intersil Corporation ICM7213 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9-10
Functional Block Diagram
6
5
14
1
÷
3
4
10
11
2
÷2
13
12
÷2
÷2
OSC IN
OSC OUT
OUT 4
WIDTH
VDD
VSS
INHIBIT
OR RESET
TEST
OUT 2
OUT 1
OUT 3
RF
(8192Hz)
(1024Hz)
(64Hz)
(16Hz)
(4Hz)
(1/60Hz)
(1/2Hz)
(1Hz)
(2Hz)
n
n
n
n
n
n
÷23
÷29
÷24
÷22
÷22
(5 x 3 x 2)
OSCILLATOR
(4,194,304Hz)
ICM7213



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com