Electronic Components Datasheet Search
  English  ▼

X  

ICM7243 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICM7243
Description  8-Character, Microprocessor- Compatible, LED Display Decoder Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7243 Datasheet(HTML) 1 Page - Intersil Corporation

  ICM7243 Datasheet HTML 1Page - Intersil Corporation ICM7243 Datasheet HTML 2Page - Intersil Corporation ICM7243 Datasheet HTML 3Page - Intersil Corporation ICM7243 Datasheet HTML 4Page - Intersil Corporation ICM7243 Datasheet HTML 5Page - Intersil Corporation ICM7243 Datasheet HTML 6Page - Intersil Corporation ICM7243 Datasheet HTML 7Page - Intersil Corporation ICM7243 Datasheet HTML 8Page - Intersil Corporation ICM7243 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
9-21
August 1997
ICM7243
8-Character, Microprocessor-
Compatible, LED Display Decoder Driver
Features
• 14-Segment and 16-Segment Fonts with Decimal Point
• Mask Programmable for Other Font-Sets Up to 64
Characters
• Microprocessor Compatible
• Directly Drives LED Common Cathode Displays
• Cascadable Without Additional Hardware
• Standby Feature Turns Display Off; Puts Chip in Low
Power Mode
• Sequential Entry or Random Entry of Data Into
Display
• Single +5V Operation
• Character and Segment Drivers, All MUX Scan
Circuitry, 8 x 6 Static Memory and 64-Character ASCll
Font Generator Included On-Chip
Description
The ICM7243 is an 8-character, alphanumeric display driver
and controller which provides all the circuitry required to
interface a microprocessor or digital system to a 14-segment
or 16-segment display. It is primarily intended for use in
microprocessor systems, where it minimizes hardware and
software overhead. Incorporated on-chip are a 64-character
ASClI decoder, 8 x 6 memory, high power character and
segment drivers, and the multiplex scan circuitry.
6-bit ASCll data to be displayed is written into the memory
directly from the microprocessor data bus. Data location
depends
upon
the
selection
of
either
Sequential
(MODE = 1) or Random access mode (MODE = 0). In the
Sequential Access mode the first entry is stored in the
lowest location and displayed in the “left-most” character
position. Each subsequent entry is automatically stored in
the next higher location and displayed to the immediate
“right” of the previous entry. A DISPlay FULL signal is pro-
vided after 8 entries; this signal can be used for cascading
devices together. A CLeaR pin is provided to clear the mem-
ory and reset the location counter. The Random Access
mode allows the processor to select the memory address
and display digit for each input word.
The character multiplex scan runs whenever data is not
being entered. It scans the memory and CHARacter drivers,
and ensures that the decoding from memory to display is
done in the proper sequence. Intercharacter blanking is
provided to avoid display ghosting.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ICM7243AIJL
-25oC to 85
40 Ld CERPDIP
F40.6
ICM7243AIPL
-25oC to 85
40 Ld PDIP
E40.6
ICM7243BIJL
-25oC to 85
40 Ld CERPDIP
F40.6
ICM7243BlPL
-25 to 85
40 Ld PDIP
E40.6
File Number
3162.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - ICM7243

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
ICM7243 INTERSIL-ICM7243 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7243 INTERSIL-ICM7243 Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
ICM7243 INTERSIL-ICM7243 Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results

Similar Description - ICM7243

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
October 29, 2013
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7243BlPL INTERSIL-ICM7243BlPL Datasheet
423Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
ICM7245AIM44Z INTERSIL-ICM7245AIM44Z Datasheet
401Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver
October 29, 2013
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com