Electronic Components Datasheet Search
  English  ▼

X  

UPC29L05 Datasheet(PDF) 8 Page - NEC

Part # UPC29L05
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC29L05 Datasheet(HTML) 8 Page - NEC

Back Button UPC29L05 Datasheet HTML 4Page - NEC UPC29L05 Datasheet HTML 5Page - NEC UPC29L05 Datasheet HTML 6Page - NEC UPC29L05 Datasheet HTML 7Page - NEC UPC29L05 Datasheet HTML 8Page - NEC UPC29L05 Datasheet HTML 9Page - NEC UPC29L05 Datasheet HTML 10Page - NEC UPC29L05 Datasheet HTML 11Page - NEC UPC29L05 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
µPC29L00 Series
TYPICAL CHARACTERISTICS
Pd - TA
2000
1500
1000
500
0
700
400
0
50
100
150
PC29L00J
PC29L00T
180 ˚C/W
315 ˚C/W
85 ˚C
TA - Ambient Temperature - ˚C
60
50
40
30
20
10
0
010
VIN - Input Voltage - V
VDIF - TJ
–20
50
100
150
TJ - Junction Temperature - ˚C
5
4
3
2
1
0
016
VIN - Input Voltage - V
TA = 25 ˚C
IO = 0 mA
40 mA
100 mA
VO - VIN ( PC29L03)
48
14
2
6
10
12
TJ = 25 ˚C
IO = 100 mA
IO = 40 mA
IO = 0
8
6
4
2
IO = 0
IO = 40 mA
IO = 100 mA
60
50
40
30
20
10
0
010
8
6
4
2
TJ = 25 ˚C
0.5
0.4
0.3
0.2
0.1
0
0.5
0.4
0.3
0.2
0.1
0
0
100
80
60
40
20
TJ = 25 ˚C
IO = 40 mA
PC29L03
PC29L05
µ
µ
µ
µ
PC29L00T
62.5 ˚C/W
(With the 16 cm2
× 0.7 mm
ceramic substrate)
IBIAS (IBIAS(S)) - VIN ( PC29L03)
µ
VIN - Input Voltage - V
IBIAS (IBIAS(S)) - VIN ( PC29L05)
µ
µ
µ
IO - Output Current - mA
VDIF - IO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com