Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0143 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0143
Description  3 Watt Cellular T/R and Antenna Changeover Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0143 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0143_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0143_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0143_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
3 Watt Cellular T/R and Antenna Changeover Switch
DC - 3.0 GHz
Rev. V4
MASWSS0143
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: < 0.4 dB @ 1900 MHz
• Low Current Consumption: <20 µA @ +5V
• High Intercept Point: 58 dBm @ 1 GHz
• Positive or Negative Voltage Control
• CDMA, W-CDMA, TDMA, GSM, PCS and DCS
• Lead-Free Plastic SOT-26 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-425
Description
M/A-COM’s MASWSS0143 is a GaAs monolithic
switch in a lead-free, SOT-26 surface mount plastic
package. The MASWSS0143 is ideally suited for
applications where very low power consumption, low
intermodulation products and very small size are
required.
Typical applications include internal / external an-
tenna select switch for portable telephones and data
radios. In addition because of its low loss, good iso-
lation, and inherent speed, the MASWSS0143 can
be used as a conventional T/R switch or as an an-
tenna diversity switch.
The MASWSS0143 can be used in power applica-
tions up to 3 watts in systems such as cellular PCS,
CDMA, W-CDMA, TDMA, GSM and other analog /
digital wireless communications systems.
The MASWSS0143 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full chip passivation for increased perform-
ance and reliability.
Ordering Information
1
Part Number
Package
MASWSS0143
Bulk Packaging
MASWSS0143TR
1000 piece reel
MASWSS0143TR-3000
3000 piece reel
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No.
Function
Description
1
RF1
RF In/Out
2
GND
RF Ground
3
RF2
RF In/Out
4
VB
Voltage Control B
5
RFC
RF Common
6
VA
Voltage Control A
Functional Block Diagram
VA
RFC
VB
RF1
GND
RF2
Pin 1
39 pF
39 pF
39 pF
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power (1 GHz)
5 V Control
+36 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0143_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0143TR MACOM-MASWSS0143TR Datasheet
209Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0143TR MA-COM-MASWSS0143TR Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0143TR-3000 MACOM-MASWSS0143TR-3000 Datasheet
209Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0143TR-3000 MA-COM-MASWSS0143TR-3000 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0143_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-425 MACOM-SW-425 Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
Tyco Electronics
MASWSS0143 MACOM-MASWSS0143 Datasheet
209Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0143 MA-COM-MASWSS0143 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
SW-425 MA-COM-SW-425 Datasheet
86Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_10 Datasheet
889Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0143 MA-COM-MASWSS0143 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com