Electronic Components Datasheet Search
  English  ▼

X  

ICM7249IPM Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICM7249IPM
Description  51/2 Digit LCD, Micro-Power Event/Hour Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7249IPM Datasheet(HTML) 5 Page - Intersil Corporation

  ICM7249IPM Datasheet HTML 1Page - Intersil Corporation ICM7249IPM Datasheet HTML 2Page - Intersil Corporation ICM7249IPM Datasheet HTML 3Page - Intersil Corporation ICM7249IPM Datasheet HTML 4Page - Intersil Corporation ICM7249IPM Datasheet HTML 5Page - Intersil Corporation ICM7249IPM Datasheet HTML 6Page - Intersil Corporation ICM7249IPM Datasheet HTML 7Page - Intersil Corporation ICM7249IPM Datasheet HTML 8Page - Intersil Corporation ICM7249IPM Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
9-27
FIGURE 3. WINK WAVEFORMS IN TIMING MODES
FIGURE 4. START/STOP INPUT DEBOUNCE FILTERING IN COUNTING MODES
FIGURE 5. WINK WAVEFORMS IN COUNTING MODES
Timing Waveforms (Continued)
WINK GOES IN PHASE
WINK GOES OUT PHASE
16
17
1
BP
W
S/S
ON
SEGMENTS
OFF
SEGMENTS
TIMING ACTIVE
40Hz < f < 50Hz
tDE
COUNT WITHOUT DEBOUNCE
ONE COUNT WITH DEBOUNCE
COUNT WITHOUT DEBOUNCE
UNKNOWN RESULTS WITH DEBOUNCE
COUNT WITH OR WITHOUT DEBOUNCE
S/S VALID
tDE
S/S INVALID
S/S VALID
50Hz
≤ f ≤ 120kHz
10ms < tDE < 12.5ms
5
µs ≤ tDE ≤ 10ms
tDE > 12.5ms
15
16
17
32
1
2
BP
WINK GOES IN PHASE
WINK GOES OUT PHASE
W
S/S
ICM7249



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com