Electronic Components Datasheet Search
  English  ▼

X  

IRF150 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRF150
Description  40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF150 Datasheet(HTML) 1 Page - Intersil Corporation

  IRF150 Datasheet HTML 1Page - Intersil Corporation IRF150 Datasheet HTML 2Page - Intersil Corporation IRF150 Datasheet HTML 3Page - Intersil Corporation IRF150 Datasheet HTML 4Page - Intersil Corporation IRF150 Datasheet HTML 5Page - Intersil Corporation IRF150 Datasheet HTML 6Page - Intersil Corporation IRF150 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
1824.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRF150
40A, 100V, 0.055 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly Developmental Type TA17421.
Features
• 40A, 100V
•rDS(ON) = 0.055Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-204AE
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF150
TO-204AE
IRF150
NOTE: When ordering, include the entire part number.
G
D
S
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
Data Sheet
March 1999


Similar Part No. - IRF150

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF150 SAMSUNG-IRF150 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF150 SEME-LAB-IRF150 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF150 FAIRCHILD-IRF150 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
International Rectifier
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
logo
IXYS Corporation
IRF150 IXYS-IRF150 Datasheet
44Kb / 1P
HIGH VOLTAGE POWER MOSFET DIE
More results

Similar Description - IRF150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
Feb-2003
STN7NF10 STMICROELECTRONICS-STN7NF10 Datasheet
274Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET™ II POWER MOSFET
Dec-2002
logo
Fairchild Semiconductor
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
FRK150D INTERSIL-FRK150D Datasheet
48Kb / 6P
40A, 100V, 0.055 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFG40N10 INTERSIL-RFG40N10 Datasheet
51Kb / 6P
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
July 1999
logo
Solid States Devices, I...
SFF50N20M SSDI-SFF50N20M Datasheet
70Kb / 2P
50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET
logo
MagnaChip Semiconductor...
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDF1922 MGCHIP-MDF1922 Datasheet
935Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
MDU10N180 MGCHIP-MDU10N180 Datasheet
986Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 18m(ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com