Electronic Components Datasheet Search
  English  ▼

X  

IRF231 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRF231
Description  8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF231 Datasheet(HTML) 1 Page - Intersil Corporation

  IRF231 Datasheet HTML 1Page - Intersil Corporation IRF231 Datasheet HTML 2Page - Intersil Corporation IRF231 Datasheet HTML 3Page - Intersil Corporation IRF231 Datasheet HTML 4Page - Intersil Corporation IRF231 Datasheet HTML 5Page - Intersil Corporation IRF231 Datasheet HTML 6Page - Intersil Corporation IRF231 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Semiconductor
Features
• 8.0A and 9.0A, 150V and 200V
•rDS(ON) = 0.4Ω and 0.6Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Description
These are N-Channel enhancement mode silicon gate
power field effect transistors. They are advanced power
MOSFETs designed, tested, and guaranteed to withstand a
specified level of energy in the breakdown avalanche mode
of operation. All of these power MOSFETs are designed for
applications such as switching regulators, switching conver-
tors, motor drivers, relay drivers, and drivers for high power
bipolar switching transistors requiring high speed and low
gate drive power. These types can be operated directly from
integrated circuits.
Formerly developmental type TA17412.
Symbol
Packaging
JEDEC TO-204AA
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF230
TO-204AA
IRF230
IRF231
TO-204AA
IRF231
IRF232
TO-204AA
IRF232
IRF233
TO-204AA
IRF233
NOTE: When ordering, use the entire part number.
G
D
S
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
October 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
1568.2
IRF230, IRF231,
IRF232, IRF233
8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm,
N-Channel Power MOSFETs


Similar Part No. - IRF231

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF231 SAMSUNG-IRF231 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF231 FAIRCHILD-IRF231 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 12A, 150-200 V
logo
New Jersey Semi-Conduct...
IRF231 NJSEMI-IRF231 Datasheet
106Kb / 3P
N-Channel Power MOSFETs, 12 A, 150-200 V
IRF231 NJSEMI-IRF231 Datasheet
106Kb / 3P
N-Channel Power MOSFETs, 12 A, 150-200 V
logo
Inchange Semiconductor ...
IRF231 ISC-IRF231 Datasheet
48Kb / 2P
High Power,High Speed Applications
More results

Similar Description - IRF231

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
October 1997
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
-5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
January 1998
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
January 1998
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
January 1998
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
September 1998
RFM12N18 INTERSIL-RFM12N18 Datasheet
35Kb / 4P
12A, 180V and 200V, 0.250 Ohm, N-Channel Power MOSFETs
September 1998
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
September 1998
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com