Electronic Components Datasheet Search
  English  ▼

X  

IRF232 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRF232
Description  8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF232 Datasheet(HTML) 5 Page - Intersil Corporation

  IRF232 Datasheet HTML 1Page - Intersil Corporation IRF232 Datasheet HTML 2Page - Intersil Corporation IRF232 Datasheet HTML 3Page - Intersil Corporation IRF232 Datasheet HTML 4Page - Intersil Corporation IRF232 Datasheet HTML 5Page - Intersil Corporation IRF232 Datasheet HTML 6Page - Intersil Corporation IRF232 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
10
8
6
0
4
12
3
4
05
VDS, DRAIN TO SOURCE VOLTAGE (V)
2
80
µs PULSE TEST
4.0V
VGS = 5.0V
6V
10V
8V
9V
7V
10
0
1234
05
VGS, GATE TO SOURCE VOLTAGE (V)
2
4
VDS > ID(ON) x rDS(ON)MAX
80
µs PULSE TEST
125oC
25oC
67
6
8
-55oC
ID, DRAIN CURRENT (A)
10
20
30
040
0.8
0.6
0
VGS = 20V
80
µs PULSE TEST
0.2
VGS = 10V
2.2
1.4
0.6
060
-60
TJ, JUNCTION TEMPERATURE (
oC)
ID = 3.5A
1.8
1.0
0.2
-40
-20
20
40
80
100
140
120
VGS = 10V
1.25
1.05
0.85
0
160
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
-40
40
80
120
ID = 250µA
VDS, DRAIN TO SOURCE VOLTAGE (V)
2000
1600
1200
800
400
0
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
CISS
COSS
CRSS
1
10
20
30
40
50
IRF230, IRF231, IRF232, IRF233



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com