Electronic Components Datasheet Search
  English  ▼

X  

IRF233 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRF233
Description  8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF233 Datasheet(HTML) 4 Page - Intersil Corporation

  IRF233 Datasheet HTML 1Page - Intersil Corporation IRF233 Datasheet HTML 2Page - Intersil Corporation IRF233 Datasheet HTML 3Page - Intersil Corporation IRF233 Datasheet HTML 4Page - Intersil Corporation IRF233 Datasheet HTML 5Page - Intersil Corporation IRF233 Datasheet HTML 6Page - Intersil Corporation IRF233 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
150
25
10
8
6
0
4
IRF230, IRF231
2
IRF232, IRF233
125
1.0
0.1
0.01
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
PDM
t1
t2
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ= PDM x ZθJC + TC
SINGLE PULSE
0.01
0.5
0.2
0.1
0.05
0.02
100
10
1
1000
1
10
100
OPERATION IN THIS
AREA IS LIMITED
BY rDS(ON)
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
TC = 25
oC
IRF231, 3
IRF230,1
IRF232, 3
IRF230, 2
TJ = MAX RATED
SINGLE PULSE
10
µs
100
µs
1ms
10ms
DC
IRF230,1
IRF232, 3
100ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
20
40
60
0
100
20
16
12
0
8
5V
8V
80
µs PULSE TEST
4
4V
80
7V
VGS = 6V
10V
IRF230, IRF231, IRF232, IRF233



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com