Electronic Components Datasheet Search
  English  ▼

X  

IRF350 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRF350
Description  15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF350 Datasheet(HTML) 3 Page - Intersil Corporation

  IRF350 Datasheet HTML 1Page - Intersil Corporation IRF350 Datasheet HTML 2Page - Intersil Corporation IRF350 Datasheet HTML 3Page - Intersil Corporation IRF350 Datasheet HTML 4Page - Intersil Corporation IRF350 Datasheet HTML 5Page - Intersil Corporation IRF350 Datasheet HTML 6Page - Intersil Corporation IRF350 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the In-
tegral Reverse P-N
Junction Diode
-
-
15
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
60
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 15A, VGS = 0V, (Figure 13)
-
-
1.6
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 15A, dISD/dt = 100A/µs
-
1000
-
ns
Reverse Recovered Charge
QRR
TJ = 150
oC, I
SD = 15A, dISD/dt = 100A/µs
-
6.6
-
µC
NOTES:
2. Pulse Test: Pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive Rating: Pulse width is limited by Maximum junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 40V, starting TJ = 25
oC, L = 5.66µH, RG = 50Ω, peak IAS = 15A. (Figures 15, 16).
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
G
D
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
20
16
12
0
8
4
125
1.0
0.1
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (S)
0.01
SINGLE PULSE
DUTY FACTOR: D = t1/t2
NOTES:
TJ = PD x ZθJC x RθJC + TC
t2
PDM
t1
t2
0.01
0.05
0.1
0.2
0.5
0.02
IRF350



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com