Electronic Components Datasheet Search
  English  ▼

X  

IRF420 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRF420
Description  2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF420 Datasheet(HTML) 3 Page - Intersil Corporation

  IRF420 Datasheet HTML 1Page - Intersil Corporation IRF420 Datasheet HTML 2Page - Intersil Corporation IRF420 Datasheet HTML 3Page - Intersil Corporation IRF420 Datasheet HTML 4Page - Intersil Corporation IRF420 Datasheet HTML 5Page - Intersil Corporation IRF420 Datasheet HTML 6Page - Intersil Corporation IRF420 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-3
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz, (Figure 11)
-
300
-
pF
Output Capacitance
COSS
-75-
pF
Reverse Transfer Capacitance
CRSS
-20-
pF
Internal Drain Inductance
LD
Measured between the
Contact Screw on the
Flange that is Closer to
Source and Gate Pins
and the Center of Die.
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances.
-
5.0
-
nH
Internal Source Inductance
LS
Measured from the
Source Lead, 6mm
(0.25in) from the Flange
and Source Bonding
Pad.
-
12.5
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
2.5
oC/W
Thermal Resistance Junction to Ambient
RθJA
Free Air Operation
-
-
30
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse P-N
Junction Diode
-
-
2.5
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
10
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 2.5A, VGS = 0V, (Figure 13)
-
-
1.4
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 2.5A, dISD/dt = 100A/µs
130
270
540
ns
Reverse Recovered Charge
QRR
TJ = 25
oC, I
SD = 2.5A, dISD/dt = 100A/µs
0.57
1.2
2.3
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 60mH, R
G = 25Ω, peak IAS = 2.5A, Figures 15, 16.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LD
LS
D
S
G
G
D
S
IRF420, IRF421, IRF422, IRF423



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com