Electronic Components Datasheet Search
  English  ▼

X  

UPC324 Datasheet(PDF) 1 Page - NEC

Part # UPC324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC324 Datasheet(HTML) 1 Page - NEC

  UPC324 Datasheet HTML 1Page - NEC UPC324 Datasheet HTML 2Page - NEC UPC324 Datasheet HTML 3Page - NEC UPC324 Datasheet HTML 4Page - NEC UPC324 Datasheet HTML 5Page - NEC UPC324 Datasheet HTML 6Page - NEC UPC324 Datasheet HTML 7Page - NEC UPC324 Datasheet HTML 8Page - NEC UPC324 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1997
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC324
LOW POWER QUAD OPERATIONAL AMPLIFIER
DESCRIPTION
The
µPC324 is a quad operational amplifier which is
designed to operate from a single power supply over a
wide range of voltages.
Operation from split power
supplies is also possible and the power supply current
drain is very low. Further advantage, the input common-
mode voltage can also swing to ground in the linear
mode.
Document No. G11763EJ3V0DS00 (3rd edition)
(Previous No. IC-1985)
Date Published April 1997 N
Printed in Japan
FEATURES
•
Internal frequency compensation
•
Wide output voltage swing V– to V+–1.5 V
•
Common Mode input voltage range includes V–
•
Wide supply range
3 V to 30 V (Single)
±1.5 V to ±15 V (Split)
•
Output short circuit protection
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
The mark
shows major revised points.
The information in this document is subject to change without notice.
ORDERING INFORMATION
Part Number
Package
µPC324C
14-pin plastic DIP (300 mil)
µPC324G2
14-pin plastic SOP (225 mil)
OUTPUT
V+
V–
II
IN
Q2
Q1
Q9
Q10
Q11
Q13
Q6
Q5
Q7
Q12
Q4
Q3
Q8
RSC
CC
6 A
6 A
100 A
50 A
µ
µ
µ
µ
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT1
II1
IN1
V+
IN2
II2
OUT2
OUT4
II4
IN4
V–
IN3
II3
OUT3
14
23
– +
– +
+ –
+ –
PC324C, 324G2
µ


Similar Part No. - UPC324

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC324 RENESAS-UPC324 Datasheet
239Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC324 RENESAS-UPC324 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC324 RENESAS-UPC324 Datasheet
597Kb / 11P
Single Power Supply Quad Operational Amplifiers
Rev.2.00 Mar.3.25
UPC3240TB RENESAS-UPC3240TB Datasheet
334Kb / 21P
3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
UPC3241TB RENESAS-UPC3241TB Datasheet
420Kb / 21P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2009
More results

Similar Description - UPC324

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
logo
Texas Instruments
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
Low-Power, Quad-Operational Amplifier
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com