Electronic Components Datasheet Search
  English  ▼

X  

IRF422 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRF422
Description  2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF422 Datasheet(HTML) 2 Page - Intersil Corporation

  IRF422 Datasheet HTML 1Page - Intersil Corporation IRF422 Datasheet HTML 2Page - Intersil Corporation IRF422 Datasheet HTML 3Page - Intersil Corporation IRF422 Datasheet HTML 4Page - Intersil Corporation IRF422 Datasheet HTML 5Page - Intersil Corporation IRF422 Datasheet HTML 6Page - Intersil Corporation IRF422 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-2
Absolute Maximum Ratings
TC = 25
oC Unless Otherwise Specified
IRF420
IRF421
IRF422
IRF423
UNITS
Drain to Source Breakdown Voltage (Note 1). . . . . . . . . .VDS
500
450
500
450
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . VDGR
500
450
500
450
V
Continuous Drain Current. . . . . . . . . . . . . . . . . . . . . . . . . . ID
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
D
2.5
1.6
2.5
1.6
2.2
1.4
2.2
1.4
A
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . IDM
10
10
8
8
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
±20
±20
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . PD
50
50
50
50
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.4
0.4
0.4
0.4
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . EAS
210
210
210
210
mJ
Operating and Storage Temperature . . . . . . . . . . . .TJ, TSTG
-55 to 150
-55 to 150
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . TL
Package Body for 10s, See TB334 . . . . . . . . . . . . . . . Tpkg
300
260
300
260
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V, (Figure 10)
IRF420, IRF422
500
-
-
V
IRF421, IRF423
450
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
2.0
-
4.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V,
TJ = 125
oC
-
-
250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = 10V
(Figure 7)
IRF420, IRF421
2.5
-
-
A
IRF422, IRF423
2.2
-
-
A
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 1.4A, VGS = 10V, (Figures 8, 9)
IRF420, IRF421
-
2.5
3.0
Ω
IRF422, IRF423
-
3.0
4.0
Ω
Forward Transconductance (Note 2)
gfs
VDS ≥ 10V, ID = 2.0A, (Figure 12)
1.5
2.3
-
S
Turn-On Delay Time
td(ON)
VDD = 250V, ID ≈ 2.5A, RG = 18Ω, RL = 96Ω,
VGS = 10V, (Figures 17, 18) MOSFET Switching
Times are Essentially Independent of Operating
Temperature
-10
15
ns
Rise Time
tr
-12
18
ns
Turn-Off Delay Time
td(OFF)
-28
42
ns
Fall Time
tf
-12
18
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = 10V, ID ≈ 2.5A, VDS = 0.8 x Rated BVDSS,
IG(REF) = 1.5mA, (Figures 14, 19, 20)
Gate Charge is Essentially Independent of
Operating Temperature
-11
19
nC
Gate to Source Charge
Qgs
-5-
nC
Gate to Drain “Miller” Charge
Qgd
-6-
nC
IRF420, IRF421, IRF422, IRF423



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com