Electronic Components Datasheet Search
  English  ▼

X  

IRF450 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRF450
Description  13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF450 Datasheet(HTML) 1 Page - Intersil Corporation

  IRF450 Datasheet HTML 1Page - Intersil Corporation IRF450 Datasheet HTML 2Page - Intersil Corporation IRF450 Datasheet HTML 3Page - Intersil Corporation IRF450 Datasheet HTML 4Page - Intersil Corporation IRF450 Datasheet HTML 5Page - Intersil Corporation IRF450 Datasheet HTML 6Page - Intersil Corporation IRF450 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
1827.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRF450
13A, 500V, 0.400 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA17435.
Features
• 13A, 500V
•rDS(ON) = 0.400Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-204AA
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF450
TO-204AA
IRF450
NOTE: When ordering, include the entire part number.
G
D
S
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
Data Sheet
March 1999


Similar Part No. - IRF450

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF450 SAMSUNG-IRF450 Datasheet
214Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
196Kb / 3P
N-CHANNEL POWER MOSFET
More results

Similar Description - IRF450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
FRK460D INTERSIL-FRK460D Datasheet
47Kb / 6P
17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
13N50 UTC-13N50_11 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
500V, 13A N-Channel MOSFET
logo
HY ELECTRONIC CORP.
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM13ND50CI TSC-TSM13ND50CI Datasheet
341Kb / 6P
N-Channel Power MOSFET 500V, 13A, 0.48廓
logo
Silan Microelectronics ...
SVF13N50F SILAN-SVF13N50F Datasheet
400Kb / 9P
13A, 500V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com