Electronic Components Datasheet Search
  English  ▼

X  

IRF7205 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRF7205
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF7205 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF7205 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF7205 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF7205 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF7205 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF7205 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
IRF7205 (KRF7205)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
VDS=-24V, VGS=0V
-1
VDS=-15V, VGS=0V, TJ=70℃
-5
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-1
-3
V
VGS=-10V, ID=-4.6A
(Note.1)
70
VGS=-4.5V, ID=-2A
(Note.1)
130
Forward Transconductance
gFS
VDS=-15V, ID=-4.6A
(Note.1)
6.6
S
Input Capacitance
Ciss
870
Output Capacitance
Coss
720
Reverse Transfer Capacitance
Crss
220
Total Gate Charge
Qg
40
Gate Source Charge
Qgs
5.2
Gate Drain Charge
Qgd
7.5
Turn-On DelayTime
td(on)
30
Turn-On Rise Time
tr
60
Turn-Off DelayTime
td(off)
150
Turn-Off Fall Time
tf
100
Body Diode Reverse Recovery Time
trr
100
Body Diode Reverse Recovery Charge
Qrr
180
nC
Internal Drain Inductance
LD
2.5
Internal Source Inductance
LS
4
Continuous Source Current (Body Diode)
IS
-2.5
Pulsed Source Current (Body Diode)
ISM
-15
Diode Forward Voltage
VSD
IS=-1.25A,VGS=0V, TJ=25℃ (Note.1)
-1.2
V
A
pF
nC
IF=-4.6A, dI/dt=100A/μs,TJ=25℃
nH
ns
Zero Gate Voltage Drain Current
IDSS
uA
mΩ
VDS=-15V,ID=-1A, RL=10Ω,RG=6Ω
(Note.1)
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-10V, f=1MHz
VGS=-10V, VDS=-15V, ID=-4.6A
(Note.1)
Note.1: Pulse width ≤ 300us; duty cycle ≤ 2%.
Between lead,6mm(0.25in.)
from package and center
of die contact
S
D
G
l
o
b
m
y
s
T
E
F
S
O
M
e
h
t
g
n
i
w
o
h
s
e
s
r
e
v
e
r
l
a
r
g
e
t
n
i
p-n junction diode.
S
D
G
■
Marking
7205
KC****
Marking



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com