Electronic Components Datasheet Search
  English  ▼

X  

IRF710 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRF710
Description  2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF710 Datasheet(HTML) 1 Page - Intersil Corporation

  IRF710 Datasheet HTML 1Page - Intersil Corporation IRF710 Datasheet HTML 2Page - Intersil Corporation IRF710 Datasheet HTML 3Page - Intersil Corporation IRF710 Datasheet HTML 4Page - Intersil Corporation IRF710 Datasheet HTML 5Page - Intersil Corporation IRF710 Datasheet HTML 6Page - Intersil Corporation IRF710 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-220
File Number
2310.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRF710
2.0A, 400V, 3.600 Ohm, N-Channel Power
MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching converters, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
They can be operated directly from integrated circuits.
Formerly developmental type TA17444.
Features
• 2.0A, 400V
•rDS(ON) = 3.600Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-220AB
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF710
TO-220AB
IRF710
NOTE: When ordering, include the entire part number.
G
D
S
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
Data Sheet
June 1999


Similar Part No. - IRF710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF710 FAIRCHILD-IRF710 Datasheet
147Kb / 5P
N-Channel Power MOSFETs, 2.25A, 350-400V
logo
Vishay Siliconix
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
New Jersey Semi-Conduct...
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
IRF710-713 MTP2N35/2N40 N-Channel Power MOSFETs
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
N-Channel Power MOSFETs, 2.25 A, 350-400 V
logo
Inchange Semiconductor ...
IRF710 ISC-IRF710 Datasheet
203Kb / 2P
N-Channel Mosfet Transistor
More results

Similar Description - IRF710

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF614 INTERSIL-IRF614 Datasheet
45Kb / 7P
2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
January 1998
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
IRFD310 INTERSIL-IRFD310 Datasheet
50Kb / 6P
0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
July 1999
IRFF310 INTERSIL-IRFF310 Datasheet
326Kb / 7P
1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF310 NJSEMI-IRFF310 Datasheet
1,003Kb / 3P
1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDD3N40 MGCHIP-MDD3N40 Datasheet
1Mb / 7P
N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDIS3N40 MGCHIP-MDIS3N40 Datasheet
1Mb / 6P
N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com