Electronic Components Datasheet Search
  English  ▼

X  

IRF740 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRF740
Description  10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF740 Datasheet(HTML) 4 Page - Intersil Corporation

  IRF740 Datasheet HTML 1Page - Intersil Corporation IRF740 Datasheet HTML 2Page - Intersil Corporation IRF740 Datasheet HTML 3Page - Intersil Corporation IRF740 Datasheet HTML 4Page - Intersil Corporation IRF740 Datasheet HTML 5Page - Intersil Corporation IRF740 Datasheet HTML 6Page - Intersil Corporation IRF740 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-242
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
10
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
100
1
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
TC = 150
oC
SINGLE PULSE
TC = 25
oC
1ms
10ms
DC
100
µs
10
µs
VDS, DRAIN TO SOURCE VOLTAGE (V)
40
80
120
160
0
15
12
9
0
6
3
200
VGS = 5.0V
VGS = 6.0V
VGS = 10V
VGS = 5.5V
VGS = 4.5V
VGS = 4.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
24
6
8
010
15
12
9
0
6
3
VGS = 6.0V
VGS = 5.0V
VGS = 4.0V
VGS = 5.5V
VGS = 10V
VGS = 4.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
100
10
0.1
0
2
468
10
TJ = 150
oC
TJ = 25
oC
1
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
TC, CASE TEMPERATURE (
oC)
10
20
30
25
50
5
4
3
0
2
1
40
VGS = 20V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
20
3.0
1.8
0.6
100
TJ, JUNCTION TEMPERATURE (
oC)
2.4
1.2
0
140
-40
60
160
120
80
40
0
-60
-20
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID = 10A, VGS = 10V
IRF740



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com