Electronic Components Datasheet Search
  English  ▼

X  

IRF840 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRF840
Description  8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF840 Datasheet(HTML) 3 Page - Intersil Corporation

  IRF840 Datasheet HTML 1Page - Intersil Corporation IRF840 Datasheet HTML 2Page - Intersil Corporation IRF840 Datasheet HTML 3Page - Intersil Corporation IRF840 Datasheet HTML 4Page - Intersil Corporation IRF840 Datasheet HTML 5Page - Intersil Corporation IRF840 Datasheet HTML 6Page - Intersil Corporation IRF840 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-259
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse P-N
Junction Diode
-
-
8.0
A
Pulse Source to Drain Current (Note 3)
ISDM
-
-
32
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 8.0A, VGS = 100A/µs (Figure 13)
-
-
2.0
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 8.0A, dISD/dt = 100A/µs
210
475
970
ns
Reverse Recovered Charge
QRR
TJ = 25
oC, I
SD = 8.0A, dISD/dt = 100A/µs
2.0
4.6
8.2
µC
NOTES:
2. Pulse Test: Pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive Rating: Pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 14mH, R
G = 25Ω , peak IAS = 8A.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
G
D
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
10
8
6
0
4
2
125
1
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
10-3
0.1
10-2
DUTY FACTOR: D = t1/t2
NOTES:
PEAK TJ = PDM x ZθJC x RθJC + TC
t2
PDM
t1
t2
SINGLE PULSE
0.02
0.01
0.1
0.2
0.5
0.05
IRF840



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com