Electronic Components Datasheet Search
  English  ▼

X  

ADMC331 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMC331
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMC331_15 Datasheet HTML 6Page - Analog Devices ADMC331_15 Datasheet HTML 7Page - Analog Devices ADMC331_15 Datasheet HTML 8Page - Analog Devices ADMC331_15 Datasheet HTML 9Page - Analog Devices ADMC331_15 Datasheet HTML 10Page - Analog Devices ADMC331_15 Datasheet HTML 11Page - Analog Devices ADMC331_15 Datasheet HTML 12Page - Analog Devices ADMC331_15 Datasheet HTML 13Page - Analog Devices ADMC331_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADMC331
–10–
REV. B
PIN FUNCTION DESCRIPTION
The ADMC331 is available in an 80-lead TQFP package. Table I
contains the pin descriptions.
Table I. Pin List
Pin
#
Group
of
Input/
Name
Pins Output Function
RESET
1
I/P
Processor Reset Input.
SPORT0
5
I/P, O/P Serial Port 0 Pins (TFS0, RFS0,
DT0, DR0, SCLK0).
SPORT1
6
I/P, O/P Serial Port 1 Pins (TFS1, RFS1,
DT1, DR1A, DR1B, SCLK1).
CLKOUT
1
O/P
Processor Clock Output.
CLKIN, XTAL
2
I/P, O/P External Clock or Quartz Crystal
Connection Point.
PIO0–PIO23
24
I/P, O/P Digital I/O Port Pins.
AUX0–AUX1
2
O/P
Auxiliary PWM Outputs.
AH–CL
6
O/P
PWM Outputs.
PWMTRIP
1
I/P
PWM Trip Signal.
PWMPOL
1
I/P
PWM Polarity Pin.
PWMSYNC
1
O/P
PWM Synchronization Pin.
PWMSR
1
I/P
Switch Reluctance Mode Pin.
V1–V3,
3
I/P
Analog Inputs.
VAUX0–VAUX3 4
I/P
Auxiliary Analog Input
CAPIN
1
I/P
ADC Capacitor Input.
ICONST
1
O/P
ADC Constant Current Source.
VREF
1
O/P
Voltage Reference Output.
AVDD
1
Analog Power Supply.
AGND
1
Analog Ground.
SGND
1
Analog Signal Ground
VDD
5
Digital Power Supply.
GND
11
Digital Ground.
INTERRUPT OVERVIEW
The ADMC331 can respond to 34 different interrupt sources
with minimal overhead, 8 of which are internal DSP core
interrupts and 26 interrupts from the motor control peripherals.
The 8 DSP core interrupts are SPORT0 receive and transmit,
SPORT1 receive (or
IRQ0) and transmit (or IRQ1), the internal
timer and two software interrupts. The motor control peripheral
interrupts are the 24 peripheral I/Os and two from the PWM
(PWMSYNC pulse and
PWMTRIP). All motor control inter-
rupts are multiplexed into the DSP core through the peripheral
IRQ2 interrupt. The interrupts are internally prioritized and indi-
vidually maskable. A detailed description of the entire inter-
rupt system of the ADMC331 is given later, following a more
detailed description of each peripheral block.
Memory Map
The ADMC331 has two distinct memory types: program
memory and data memory. In general, program memory contains
user code and coefficients, while the data memory is used to store
variables and data during program execution. Both program
memory RAM and ROM are provided on the ADMC331. Pro-
gram memory RAM is arranged as one contiguous 2K
× 24-bit
block, starting at address 0x0000. Program memory ROM is
located at address 0x0800. Data memory is arranged as a 1K
×
16-bit block starting at address 0x3800. The motor control
peripherals are memory mapped into a region of the data
memory space starting at 0x2000. The complete program and
data memory maps are given in Tables II and III, respectively.
Table II. Program Memory Map
Memory
Address Range
Type
Function
0x0000–0x002F
RAM
Interrupt Vector Table
0x0030–0x071F
RAM
User Program Space
0x0720–0x07EC
RAM
Reserved by Debugger
0x07ED–0x07FF
RAM
Reserved by Monitor
0x0800–0x0DEC
ROM
ROM Monitor
0x0DED–0x0FEA
ROM
ROM Math and Motor
Control Utilities
0x0FEB–0x0FFF
ROM
Reserved
Table III. Data Memory Map
Memory
Address Range
Type
Function
0x0000–0x1FFF
Reserved
0x2000–0x20FF
Memory Mapped Registers
0x2100–0x37FF
Reserved
0x3800–0x3B5F
RAM
User Data Space
0x3B60–0x3BFF
RAM
Reserved by Monitor
0x3C00–0x3FFF
Memory Mapped Registers
ROM Code
The 2K
× 24-bit block of program memory ROM starting at ad-
dress 0x0800 contains a monitor function that is used to download
and execute user programs via the serial port. In addition, the
monitor function supports an interactive mode in which commands
are received and processed from a host. An example of such a host
is the Windows®-based Motion Control Debugger, which is part of
the software development system for the ADMC331. In the inter-
active mode, the host can access both the internal DSP and periph-
eral motor control registers of the ADMC331, read and write to
both program and data memory, implement breakpoints and per-
form single-step and run/halt operation as part of the program
debugging cycle.
In addition to the monitor function, the program memory ROM
contains a number of useful mathematical and motor control util-
ities that can be called as subroutines from the user code. A com-
plete list of these ROM functions is given in Table IV. The start
address of the function in the program memory ROM is also given.
Refer to the ADMC331 DSP Motor Controller Developer’s Reference
Manual for more details of the ROM functions.
Windows is a registered trademark of Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com