Electronic Components Datasheet Search
  English  ▼

X  

UPC393 Datasheet(PDF) 9 Page - NEC

Part # UPC393
Description  LOW POWER DUAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC393 Datasheet(HTML) 9 Page - NEC

Back Button UPC393 Datasheet HTML 4Page - NEC UPC393 Datasheet HTML 5Page - NEC UPC393 Datasheet HTML 6Page - NEC UPC393 Datasheet HTML 7Page - NEC UPC393 Datasheet HTML 8Page - NEC UPC393 Datasheet HTML 9Page - NEC UPC393 Datasheet HTML 10Page - NEC UPC393 Datasheet HTML 11Page - NEC UPC393 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
µPC393
9
NOTE
Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
9 PIN PLASTIC SLIM SIP
P9HA-254B-1
ITEM
MILLIMETERS
INCHES
A
C
F
G
H
J
K
M
N
Q
22.86 MAX.
0.5±0.1
1.27 MAX.
0.51 MIN.
5.08 MAX.
1.1 MIN.
U
V
3.2±0.5
0.25
5.75 MAX.
2.8±0.2
1.5 MAX.
Y
0.25
2.54
0.900 MAX.
0.043 MIN.
0.010
0.100
0.050 MAX.
0.020 MIN.
0.200 MAX.
0.11
0.227 MAX.
0.059 MAX.
0.01
0.126±0.02
+0.004
–0.003
0.02
+0.10
–0.05
+0.004
–0.005
+0.009
–0.008
1.1 MIN.
Z
0.043 MIN.
K
F
G
M
C
Z
H
J
V
U
19
Q
N
Y
M
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com