Electronic Components Datasheet Search
  English  ▼

X  

IRFAC40 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFAC40
Description  6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFAC40 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFAC40 Datasheet HTML 1Page - Intersil Corporation IRFAC40 Datasheet HTML 2Page - Intersil Corporation IRFAC40 Datasheet HTML 3Page - Intersil Corporation IRFAC40 Datasheet HTML 4Page - Intersil Corporation IRFAC40 Datasheet HTML 5Page - Intersil Corporation IRFAC40 Datasheet HTML 6Page - Intersil Corporation IRFAC40 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-3
IRFAC40, IRFAC42
Input Capacitance
CISS
VGS = 0V, VDS = 25V, f = 1.0MHz (Figure 11)
-
1300
-
pF
Output Capacitance
COSS
160
pF
Reverse Transfer Capacitance
CRSS
30
pF
Internal Drain Inductance
LD
Measured Between
the Contact Screw on
the Flange that is
Closer to Source and
Gate Pins and the
Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
5.0
-
nH
Internal Source Inductance
LS
Measured From The
Source Lead, 6mm
(0.25in) From the
Flange and the Source
Bonding Pad
-13
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
1.0
oC/W
Thermal Resistance Junction to Ambient
RθJA
Free Air Operation
-
-
30
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse
P-N Junction Diode
-
-
6.2
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
25
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 6.2A, VGS = 0V, (Figure 13)
-
-
1.5
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 6.2A, dISD/dt = 100A/µs
200
450
940
ns
Reverse Recovered Charge
QRR
TJ = 25
oC, I
SD = 6.2A, dISD/dt = 100A/µs
1.8
3.8
7.9
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 16mH, R
G = 25Ω, peak IAS = 6.8A. See Figures 15, 16.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LS
LD
G
D
S
G
D
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com