Electronic Components Datasheet Search
  English  ▼

X  

BAP64WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAP64WS
Description  Small Signal General Purpose PiN Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAP64WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAP64WS_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAP64WS_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAP64-04WS / BAP64-05WS /
BAP64-06WS
Small Signal General Purpose PiN Diode
23-Jan-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low diode capacitance
Low series inductance
High voltage, current controlled
RF resistor for RF attenuators and switches
RF attenuators and switches
MARKING CODE
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Continuous Reverse Voltage
VR
175
V
Continuous Forward Current
IF
100
mA
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward Voltage
VF
-
-
1.1
V
IF =50mA
-
-
10
VR =175V
Reverse Voltage Leakage Current
IR
-
-
1
µA
VR =20V
-
0.52
-
VR =0, f =1MHz
-
-
0.5
VR =1 V, f =1MHz
Diode Capacitance
CD
-
-
0.35
pF
VR =20 V, f =1MHz
-
-
40
IF = 0.5 mA, f =100MHz
-
-
20
IF =1mA, f =100MHz
-
-
3.8
IF =10mA, f =100MHz
Diode Forward Resistance
1
rD
-
-
1.35
IF =100mA, f =100MHz
Charge Carrier Life Time
tL
-
1.55
-
µS
When switched from
IF =10mA to IR =6mA;
RL =100
;
measured at IR =3mA
BAP64-04WS
BAP64-06WS
-
1.6
-
Series Inductance
BAP64-05WS
LS
-
1.4
-
nH
IF=10mA, f=100MHz
Note:
1.Guaranteed on AQL basis: inspection level S4,AQL 1.0.
Part Name
BAP64-04WS
BAP64-05WS
BAP64-06WS
Marking
4W
5W
6W
Circuit
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - BAP64WS_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAP64WS SECOS-BAP64WS Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
More results

Similar Description - BAP64WS_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAP64-05 SECOS-BAP64-05 Datasheet
189Kb / 2P
Small Signal General Purpose Pin Diode
BAP64-05W SECOS-BAP64-05W Datasheet
191Kb / 2P
Small Signal General Purpose Pin Diode
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
Small Signal General Purpose PiN Diode
BAP50W SECOS-BAP50W Datasheet
160Kb / 2P
Small Signal General Purpose PiN Diode
BAP51W SECOS-BAP51W Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
BAP64W SECOS-BAP64W Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
BAP50W SECOS-BAP50W_15 Datasheet
160Kb / 2P
Small Signal General Purpose PiN Diode
BAP64W SECOS-BAP64W_15 Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
BAP51W-02 SECOS-BAP51W-02 Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
logo
SEC Electronics Inc.
BAP64W-04 SECELECTRONICS-BAP64W-04 Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com