Electronic Components Datasheet Search
  English  ▼

X  

NDS352AP Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # NDS352AP
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

NDS352AP Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  NDS352AP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd NDS352AP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd NDS352AP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd NDS352AP Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd NDS352AP Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
NDS352AP (KDS352AP)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
VDS=-24V, VGS=0V
-1
VDS=-24V, VGS=0V, TJ=125℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
100
nA
VDS=VGS ID=-250μA
-0.8
-1.7
-2.5
VDS=VGS ID=-250μA ,TJ=125℃
-0.5
-1.4
-2.2
VGS=-4.5V, ID=-0.9A
450
500
VGS=-4.5V, ID=-0.9A TJ=125℃
650
700
VGS=-10V, ID=-1A
250
300
On state drain current
ID(ON)
VGS=-4.5V, VDS=-5V
-2
A
Forward Transconductance
gFS
VDS=-5V, ID=-0.9A
1.9
S
Input Capacitance
Ciss
135
Output Capacitance
Coss
88
Reverse Transfer Capacitance
Crss
40
Total Gate Charge
Qg
2
3
Gate Source Charge
Qgs
0.5
Gate Drain Charge
Qgd
1
Turn-On DelayTime
td(on)
5
10
Turn-On Rise Time
tr
17
30
Turn-Off DelayTime
td(off)
35
70
Turn-Off Fall Time
tf
30
60
Turn-On DelayTime
td(on)
8
15
Turn-On Rise Time
tr
16
30
Turn-Off DelayTime
td(off)
35
90
Turn-Off Fall Time
tf
30
90
Maximum Body-Diode Continuous Current
IS
-0.42
Pulsed Drain-Source Diode Forward Current
ISM
-10
Diode Forward Voltage
VSD
IS=--0.42A,VGS=0V (Note.1)
-0.8
-1
V
A
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
mΩ
RDS(On)
Static Drain-Source On-Resistance
Gate Threshold Voltage
VGS(th)
V
VGS=-4.5V, VDS=-10V, ID=-1A,RG=6Ω
(Note.1)
VGS=0V, VDS=-15V, f=1MHz
VGS=-4.5V, VDS=- 6 V, ID=-0.9A
(Note.1)
pF
nC
VGS=-10V, VDS=-10V, ID=-1A,RG=50Ω
(Note.1)
■
Marking
Marking
352A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com